Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS544C25 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TPS544C25
Description  4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS544C25 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TPS544C25 Datasheet HTML 54Page - Texas Instruments TPS544C25 Datasheet HTML 55Page - Texas Instruments TPS544C25 Datasheet HTML 56Page - Texas Instruments TPS544C25 Datasheet HTML 57Page - Texas Instruments TPS544C25 Datasheet HTML 58Page - Texas Instruments TPS544C25 Datasheet HTML 59Page - Texas Instruments TPS544C25 Datasheet HTML 60Page - Texas Instruments TPS544C25 Datasheet HTML 61Page - Texas Instruments TPS544C25 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 100 page
background image
58
TPS544C25, TPS544B25
SLUSC81 – MAY 2015
www.ti.com
Product Folder Links: TPS544C25 TPS544B25
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
7.6.27 OT_FAULT_RESPONSE (50h)
The OT_FAULT_RESPONSE command instructs the device on what action to take in response to an
OT_FAULT_LIMIT. The device also:
Sets the OTFW bit in the STATUS_BYTE
Sets the OTF bit in the STATUS_TEMPERATURE
Notifies the host by asserting SMBALERT
Once the over-temperature fault is tripped, the fault flag is latched until the external sensed temperature falls
20°C from the OT_FAULT_LIMIT.
The contents of this register can be stored to non-volatile memory using the STORE_DEFAULT_ALL command.
Bits [2:0] are hard-wired to 0x7 (111b) to indicate the 7 × TON_RISE time delay in response to an over
temperature fault.
The default response to an over current fault is to shut down and restart with 7 × TON_RISE time delay.
COMMAND
OT_FAULT_RESPONSE
Format
Unsigned binary
Bit Position
7
6
5
4
3
2
1
0
Access
r/wE
r
r/wE
r/w
r/w
r
r
r
Function
RSP[1]
0
RS[2]
RS[1]
RS[0]
X
X
X
Default Value
1
0
1
1
1
1
1
1
7.6.27.1 RSP[1]
This bit sets the over temperature fault response to either ignore or not. Default is 1.
0:
The PMBus device continues operation without interruption. Note: In this “ignore” fault response
mode, the associated fault status bits are set. Additionally, SMBALERT continues to be triggered if
it is not masked.
1:
The PMBus device shuts down and restarts according to RS[2:0].
7.6.27.2 RS[2:0]
These bits are over temperature fault retry setting. Default is 111b.
000:
A zero value for the Retry Setting means that the unit does not attempt to restart. The output
remains disabled until the fault is cleared (See section 10.7 of the PMBus spec.)
111:
A one value for the Retry Setting means that the unit goes through a normal startup (Soft start)
continuously, without limitation, until it is commanded off or bias power is removed or another fault
condition causes the unit to shutdown.
Any value other than 000 or 111 is not accepted. Attempting to write any other value is rejected, causing
the device to assert SMBALERT along with the CML bit in STATUS_BYTE and the invalid data bit in
STATUS_CML. Note, that since all 3 bits must be the same, only one (bit 5) is stored in EEPROM.
NOTE
The programmed response here is also applied to internally detected Over Temperture
faults – with the one exception of the “ignore” response. Internal OT faults are never
ignored. Internal OT faults always respond in a shutdown and attempted re-start once the
part cools.
7.6.28 OT_WARN_LIMIT (51h)
The OT_ WARN _LIMIT command sets the value of the temperature, in degrees Celsius, that causes an over-
temperature warning condition, when the sensed temperature from the external sensor exceeds this limit. Upon
triggering the over-temperature warning, the device takes the following actions:


Similar Part No. - TPS544C25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544C20 TI-TPS544C20 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS544C20 TI1-TPS544C20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544C20RVFR TI1-TPS544C20RVFR Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
TPS544C20RVFR TI1-TPS544C20RVFR Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544C20RVFT TI1-TPS544C20RVFT Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
More results

Similar Description - TPS544C25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544B20 TI-TPS544B20_15 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com