Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS544C25 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS544C25
Description  4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS544C25 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS544C25 Datasheet HTML 20Page - Texas Instruments TPS544C25 Datasheet HTML 21Page - Texas Instruments TPS544C25 Datasheet HTML 22Page - Texas Instruments TPS544C25 Datasheet HTML 23Page - Texas Instruments TPS544C25 Datasheet HTML 24Page - Texas Instruments TPS544C25 Datasheet HTML 25Page - Texas Instruments TPS544C25 Datasheet HTML 26Page - Texas Instruments TPS544C25 Datasheet HTML 27Page - Texas Instruments TPS544C25 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
R
RT =
2.01 × 10
10
f
SW
VOUT
VSYNC/RESET_B
(A)
Pre-AVS VOUT
Default VSET .
(B)
Time
Response Delay
24
TPS544C25, TPS544B25
SLUSC81 – MAY 2015
www.ti.com
Product Folder Links: TPS544C25 TPS544B25
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
7.3.7 Reset VOUT
Without power cycling, the VOUT_COMMAND value and the corresponding output voltage can be reset to the
default value set by VSET. To reset VOUT_COMMAND, the VSET pin should be used in combination with
SYNC/RESET_B pin. The default VOUT_COMMAND value is set by the resistor connected between VSET and
AGND and latched when the TPS544x25 devices are powered up from VDD. When the SYNC/RESET_B pin is
pulled low, the digital core sets VOUT_COMMAND value back to the default value. The Figure 35 shows the
timing diagram for resetting the output voltage. When RESET_B is asserted low, after a short delay (less than 2
µs), the output voltage begins transitioning from its current value to the default value configured by VSET per the
slew-rate
set
in
VOUT_TRANSITION_RATE.
The
VOUT_COMMAND
value
is
not
updated
to
any
VOUT_COMMAND programming while SYNC/RESET_B is held low.
(A) VOUT_COMMAND adjustment through the PMBus interface ;
(B) Reset back to default VOUT_COMMAND value determined by VSET resistor at power up. The slew rate is
defined by VOUT_TRANSITION_RATE.
Figure 35. Output Voltage Reset
7.3.8 Switching Frequency and Synchronization
A resistor from the RT pin to AGND sets the switching frequency. Equation 3 calculates the RRT resistor value.
where
RRT is the timing resistor in Ω
fSW is the switching frequency in Hz
(3)
The TPS544x25 devices are designed to operate between 200 kHz and 1 MHz.
The TPS544x25 devices can also synchronize to an external clock which is ±20% of the free-running frequency.
The external clock should be applied to the SYNC/RESET_B pin. A sudden change in synchronization clock
frequency causes an associated control loop response, resulting in an overshoot or undershoot on the output
voltage.
If a resistor is connected from VSET pin to AGND to program the initial boot-up voltage, the clock
synchronization function is disabled on default, the SYNC/RESET_B pin is configured to RESET function which
can reset VOUT when SYNC/RESET_B is logic low.
In order to use both VSET and SYNC function, the FORCE_SYNC bit in register MISC_CONFIG_OPTIONS
(MFR_SPECIFIC_32) (F0h) should be set to 1, as shown in Table 4. While the output in regulation and an
external clock being applied to SYNC/RESET_B pin, set the FORCE_SYNC bit on the fly causes a sudden
change in switching frequency and results in an overshoot or undershoot on the output voltage.


Similar Part No. - TPS544C25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544C20 TI-TPS544C20 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS544C20 TI1-TPS544C20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544C20RVFR TI1-TPS544C20RVFR Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
TPS544C20RVFR TI1-TPS544C20RVFR Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544C20RVFT TI1-TPS544C20RVFT Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
More results

Similar Description - TPS544C25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544B20 TI-TPS544B20_15 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com