Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C363MTD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C363MTD
Description  3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C363MTD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90C363MTD Datasheet HTML 1Page - National Semiconductor (TI) DS90C363MTD Datasheet HTML 2Page - National Semiconductor (TI) DS90C363MTD Datasheet HTML 3Page - National Semiconductor (TI) DS90C363MTD Datasheet HTML 4Page - National Semiconductor (TI) DS90C363MTD Datasheet HTML 5Page - National Semiconductor (TI) DS90C363MTD Datasheet HTML 6Page - National Semiconductor (TI) DS90C363MTD Datasheet HTML 7Page - National Semiconductor (TI) DS90C363MTD Datasheet HTML 8Page - National Semiconductor (TI) DS90C363MTD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DS90C363/DS90CF364
+3.3V Programmable LVDS Transmitter 18-Bit Flat Panel
Display (FPD) Link— 65 MHz,
+3.3V LVDS Receiver
18-Bit Flat Panel Display (FPD) Link— 65 MHz
General Description
The DS90C363 transmitter converts 21 bits of CMOS/TTL
data into three LVDS (Low Voltage Differential Signaling)
data streams. A phase-locked transmit clock is transmitted in
parallel with the data streams over a fourth LVDS link. Every
cycle of the transmit clock 21 bits of input data are sampled
and transmitted. The DS90CF364 receiver converts the
LVDS data streams back into 21 bits of CMOS/TTL data. At
a transmit clock frequency of 65 MHz, 18 bits of RGB data
and 3 bits of LCD timing and control data (FPLINE,
FPFRAME, DRDY) are transmitted at a rate of 455 Mbps per
LVDS data channel. Using a 65 MHz clock, the data through-
puts is 170 Mbytes/sec. The Transmitter is offered with pro-
grammable edge data strobes for convenient interface with a
variety of graphics controllers. The Transmitter can be pro-
grammed for Rising edge strobe or Falling edge strobe
through a dedicated pin. A Rising edge Transmitter will inter-
operate with a Falling edge Receiver (DS90CF364) without
any translation logic.
This chipset is an ideal means to solve EMI and cable size
problems associated with wide, high speed TTL interfaces.
Features
n 20 to 65 MHz shift clock support
n Programmable Transmitter (DS90C363) strobe select
(Rising or Falling edge strobe)
n Single 3.3V supply
n Chipset (Tx + Rx) power consumption < 250 mW (typ)
n Power-down mode (< 0.5 mW total)
n Single pixel per clock XGA (1024x768) ready
n Supports VGA, SVGA, XGA and higher addressability.
n Up to 170 Megabyte/sec bandwidth
n Up to 1.3 Gbps throughput
n Narrow bus reduces cable size and cost
n 290 mV swing LVDS devices for low EMI
n PLL requires no external components
n Low profile 48-lead TSSOP package
n Falling edge data strobe Receiver
n Compatible with TIA/EIA-644 LVDS standard
n ESD rating > 7kV
n Operating Temperature: −40˚C to +85˚C
Block Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Application
DS012886-14
September 1999
© 1999 National Semiconductor Corporation
DS012886
www.national.com


Similar Part No. - DS90C363MTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C363MTD TI1-DS90C363MTD Datasheet
1Mb / 19P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90C363MTD/NOPB TI1-DS90C363MTD/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90C363MTDX/NOPB TI1-DS90C363MTDX/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
More results

Similar Description - DS90C363MTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C363 TI1-DS90C363_13 Datasheet
1Mb / 19P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
logo
National Semiconductor ...
DS90CF363 NSC-DS90CF363 Datasheet
184Kb / 9P
   3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF386 NSC-DS90CF386 Datasheet
302Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85 MHz
DS90CF384A NSC-DS90CF384A Datasheet
784Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90C363B NSC-DS90C363B Datasheet
617Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90C363B TI1-DS90C363B Datasheet
924Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B TI1-DS90CF363B_13 Datasheet
922Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com