Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF256A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BF256A
Description  N-Channel RF Amplifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BF256A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BF256A Datasheet HTML 1Page - Fairchild Semiconductor BF256A Datasheet HTML 2Page - Fairchild Semiconductor BF256A Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, June 2003
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VDG
Drain-Gate Voltage
30
V
VGS
Gate-Source Voltage
-30
V
IGF
Forward Gate Current
10
mA
PD
Total Device Dissipation @TA=25°C
Derate above 25
°C
350
2.8
mW
mW/
°C
TSTG
Operating and storage Temperature Range
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
Off Characteristics
V(BR)GSS
Gate-Source Breakdown Voltage
VDS = 0, IG = 1µA-30
V
VGS
Gate-Source
VDS = 15V, ID = 200µA
-0.5
-7.5
V
VGS(off)
Gate-Source Cutoff Voltage
VDS = 15V, ID = 10nA
-0.5
-8
V
IGSS
Gate Reverse Current
VGS = -20V, VGS = 0
-5
nA
On Characteristics
IDSS
Zero-Gate Voltage Drain Current
BF256A
BF256B
BF256C
VGS = 15V, VGS = 0
3
6
11
7
13
18
mA
Small Signal Characteristics
gfs
Common Source Forward Transconductance
VDS = 15V, VGS = 0, f = 1KHz
4.5
mmhos
BF256A/BF256B/BF256C
N-Channel RF Amplifiers
• This device is designed for VHF/UHF amplifiers.
• Sourced from process 50.
TO-92
1. Gate 2. Source 3. Drain
1


Similar Part No. - BF256A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BF256A MOTOROLA-BF256A Datasheet
36Kb / 1P
   VHF/UHF Amplifier(N-Channel, Depletion)
logo
National Semiconductor ...
BF256A NSC-BF256A Datasheet
120Kb / 2P
   JFET PRO ELECTRON SERIES
logo
List of Unclassifed Man...
BF256A ETC1-BF256A Datasheet
213Kb / 4P
   PLASTIC-CASE JUNCTION FIELD-EFFECT TRANSISTORS
logo
ON Semiconductor
BF256A ONSEMI-BF256A Datasheet
41Kb / 4P
   JFET - General Purpose
September, 2001 ??Rev. 3
logo
New Jersey Semi-Conduct...
BF256A NJSEMI-BF256A Datasheet
111Kb / 2P
   N-Channel RF Amplifiers
More results

Similar Description - BF256A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF256B FAIRCHILD-BF256B Datasheet
117Kb / 4P
   N-Channel RF Amplifiers
logo
Advanced Analogic Techn...
MMBT4416 ANALOGICTECH-MMBT4416 Datasheet
47Kb / 3P
   N-Channel RF Amplifiers
logo
New Jersey Semi-Conduct...
BF256A NJSEMI-BF256A Datasheet
111Kb / 2P
   N-Channel RF Amplifiers
logo
Fairchild Semiconductor
MMBF4416 FAIRCHILD-MMBF4416 Datasheet
45Kb / 3P
   N-Channel RF Amplifiers
MMBF4416 FAIRCHILD-MMBF4416_09 Datasheet
106Kb / 4P
   N-Channel RF Amplifiers
BF245A FAIRCHILD-BF245A Datasheet
22Kb / 3P
   N-Channel Amplifiers
BF245A FAIRCHILD-BF245A Datasheet
24Kb / 3P
   N-Channel Amplifiers
logo
ON Semiconductor
BFR30LT1 ONSEMI-BFR30LT1 Datasheet
59Kb / 4P
   JFET Amplifiers(N-Channel)
February, 2005 ??Rev. 4
logo
Motorola, Inc
BFR30LT1 MOTOROLA-BFR30LT1 Datasheet
136Kb / 6P
   JFET Amplifiers(N-Channel)
logo
Polyfet RF Devices
MADK21 POLYFET-MADK21 Datasheet
75Kb / 2P
   Power RF Amplifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com