Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS51513RHBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS51513RHBT
Description  SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPS51513RHBT Datasheet(HTML) 10 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
0.22 uF
C5
0.1 uF
C4
R1
4. 02k
C9 1 uF
+
C8
330uF
R9
0 C3
Open
R 15
23.7k
R2
Open
2. 2uF
C1
C2
1000pF
0
R4
Open
R5
0
R7
+
C11
33uF
+
C12
33uF
+
C 15
33uF
C6
Open
3
2
4
1
5
Q 1
0
R 14
22.6k
R 13
3
2
4
1
5
Q 3
+
C7
330uF
0
R12
C 10
3.3 nF
C 13
2. 2uF
R3
90.9k
R6
Open
+
C 14
33uF
L1
0. 60uH
TPS51513RHB
TPS51513
SLUS956A – JUNE 2009 – REVISED FEBRUARY 2010
www.ti.com
Figure 3. Resistor Current Sense Typical Application Without Droop
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS51513


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn