Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS51513RHBT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS51513RHBT
Description  SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPS51513RHBT Datasheet(HTML) 29 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
200
220
205
215
225
230
210
V
TONSEL =3.3 V
V
LL = 12 V
V
SNS = 1 V
–25
25
0
75
125
100
50
T
J – Junction Temperature – °C
1.045
1.046
1.052
1.047
1.050
1.049
1.051
1.053
1.055
1.054
1.048
–25
25
0
75
125
100
50
T
J – Junction Temperature – °C
1.690
1.710
1.700
1.695
1.705
–25
25
0
75
125
100
50
T
J – Junction Temperature – °C
TPS51513
www.ti.com
SLUS956A – JUNE 2009 – REVISED FEBRUARY 2010
TYPICAL CHARACTERISTICS (continued)
ON TIME
DAC OUTPUT VOLTAGE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 28.
Figure 29.
REFERENCE VOLTAGE
vs
JUNCTION TEMPERATURE
Figure 30.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s) :TPS51513


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn