Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS51513RHBT Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS51513RHBT
Description  SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPS51513RHBT Datasheet(HTML) 28 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
0.6
0.7
1.1
1.0
0.9
V
OUT – Output Voltage – V
0.8
200
240
220
360
400
380
340
300
260
320
0.7 V < V
OUT < 1.05 V
I
OUT = 10 A
V
IN = 8 V
V
IN = 12 V
V
IN = 20 V
280
0
5
25
20
15
I
OUT – Output Current – A
10
1.690
1.695
1.705
1.710
1.700
V
IN = 8 V
V
IN = 20 V
V
IN = 12 V
V
OUT = 1.05 V
0
5
25
20
15
10
0
1.0
0.5
2.5
3.5
3.0
1.5
2.0
High Power Mode
V
IN = 8 V
V
IN = 20 V
I
OUT – Output Current – A
1.00
1.05
1.35
1.30
1.10
1.25
1.20
1.15
–25
25
0
75
125
100
50
T
J – Junction Temperature – °C
TPS51513
SLUS956A – JUNE 2009 – REVISED FEBRUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SWITCHING FREQUENCY
REFERENCE VOLTAGE
vs
vs
OUTPUT VOLTAGE
OUTPUT CURRENT
Figure 24.
Figure 25.
CURRENT MONITOR VOLTAGE
SUPPLY CURRENT
vs
vs
OUTPUT CURRENT
JUNCTION TEMPERATURE
Figure 26.
Figure 27.
28
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS51513


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn