Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS51513RHBT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS51513RHBT
Description  SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPS51513RHBT Datasheet(HTML) 27 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
0
5
25
20
15
V
OUT – Output Voltage – V
10
76
80
78
88
92
90
82
86
V
IN = 20 V
V
IN = 8 V
V
IN = 12 V
I
OUT = 10 A
84
0
5
25
20
15
10
83
84
89
88
85
87
V
OUT = 0.95 V
86
V
IN – Input Voltage – V
0
5
20
25
15
I
OUT – Output Current – A
10
0
150
50
300
450
400
200
V
OUT = 1.05 V
V
IN = 20 V
V
IN = 8 V
V
IN = 12 V
250
100
350
0
4
20
16
12
V
IN – Input Voltage – V
8
340
345
370
350
360
355
365
375
385
380
V
OUT = 0.95 V
I
OUT = 10 A
2
18
14
10
6
TPS51513
www.ti.com
SLUS956A – JUNE 2009 – REVISED FEBRUARY 2010
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
EFICIENCY
vs
vs
OUTPUT VOLTAGE
INPUT VOLTAGE
Figure 20.
Figure 21.
SWITCHING FREQUENCY
SWITCHING FREQUENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 22.
Figure 23.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s) :TPS51513


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn