Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53624 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS53624
Description  Dual Phase, D-CAP, Eco-mode Step-Down Controller with 8-Bit DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53624 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS53624_16 Datasheet HTML 3Page - Texas Instruments TPS53624_16 Datasheet HTML 4Page - Texas Instruments TPS53624_16 Datasheet HTML 5Page - Texas Instruments TPS53624_16 Datasheet HTML 6Page - Texas Instruments TPS53624_16 Datasheet HTML 7Page - Texas Instruments TPS53624_16 Datasheet HTML 8Page - Texas Instruments TPS53624_16 Datasheet HTML 9Page - Texas Instruments TPS53624_16 Datasheet HTML 10Page - Texas Instruments TPS53624_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
30
29
28
27
26
25
24
23
22
21
40
39
38
37
36
35
34
33
32
31
MODE
GND
CSP2
CSN2
CSN1
CSP1
GFB
VFB
THRM
THAL
TPS53624
DRVH2
VBST2
LL2
DRVL2
V5IN
PGND
DRVL1
LL1
VBST1
DRVH1
TPS53624
www.ti.com
SLUSB66 – MARCH 2013
DEVICE INFORMATION
RHA PACKAGE
40 PINS
(TOP VIEW)
Table 1. PIN FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
CSP1
6
I
Positive current sense inputs. Connect to the most positive node of current sense resistor or inductor DCR
sense R-C network.
CSP2
3
I
CSN1
5
I
Negative current sense inputs. Connect to the most negative node of current sense resistor or inductor DCR
sense RC network.
CSN2
4
I
Output of gM error amplifier. A resistor to VREF sets the droop gain. A capacitor to VREF helps shape the
DROOP
39
O
transient response.
DRVH1
21
O
High-side N-channel MOSFET gate drive outputs.
DRVH2
30
O
DRVL1
24
O
Synchronous N-channel MOSFET gate drive outputs.
DRVL2
27
O
Controller enable. 3.3-V I/O level; 100-ns de-bounce. Logic high 3.3-V enables the controller. Logic low stops
EN
35
I
the controller.
GND
2
Return for analog circuits.
Voltage sense return tied directly to GND of the microprocessor. Tie to GND with a 100-
Ω resistor to close
GFB
7
I
feedback when the microprocessor is not in the socket.
Current monitor output. VIMON = ΣVISENSE × K × RIMON. Reference RIMON to GNDSNS. Voltage is clamped at
IMON
11
O
1.1-V maximum.
LL1
23
I/O
High-side N-channel MOSFET gate drive return. Also, input for adaptive gate drive timing.
LL2
28
I/O
MODE
1
Tie to GND to select CPU mode.
OSRSEL
32
O
Overshoot reduction (OSR) setting. The OSR threshold can be selected or OSR can be disabled.
Negative active power good output; Open drain. Transitions low of approximately 50 ms after VOUT reaches
PG
34
O
the VID level. Leave open if unused.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS53624


Similar Part No. - TPS53624_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53624 TI-TPS53624_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Phase, D-CAP?? Eco-mode??Step-Down Controller with 8-Bit DAC
More results

Similar Description - TPS53624_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53624 TI-TPS53624_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Phase, D-CAP?? Eco-mode??Step-Down Controller with 8-Bit DAC
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
logo
Silicon Standard Corp.
SS6568 SSC-SS6568 Datasheet
470Kb / 7P
   4-bit DAC, Step-Down PWM Power Controller
logo
Linear Technology
LTC3828 LINER-LTC3828 Datasheet
396Kb / 32P
   Dual 2-Phase Step-Down Controller with Tracking
logo
Texas Instruments
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
logo
Linear Technology
LTC3828 LINER-LTC3828_15 Datasheet
384Kb / 32P
   Dual, 2-Phase Step-Down Controller with Tracking
logo
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
logo
Altera Corporation
EC7401QI ALTERA-EC7401QI Datasheet
1Mb / 44P
   4-Phase PWM Controller with 8-Bit DAC Code
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com