Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VSC7959 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part No. VSC7959
Description  3.125Gb/s CML Limiting Amplifier with LOS Detect
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VITESSE [Vitesse Semiconductor Corporation]
Homepage  http://www.vitesse.com
Logo 

VSC7959 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7959
3.125Gb/s CML Limiting Amplifier with LOS Detect
G52358-0, Rev 2.0
Page 5
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Bare Die Descriptions
Figure 2: Pad Assignments
VSC7959
Die Size:
1597
µm x 1597µm (0.06287" x 0.06287")
Pad Pitch:
180
µm (0.00709")
Pad Passivation Opening: 95
µm x 95µm (0.00374" x 0.00374")
The back side of the die may either be left floating or connected ot ground.
Pad 16
NC
1597
µm
(0.06287")
1597
µm (0.06287")
Pad 2
CAZ2
Pad 3
GNDA
Pad 4
LAINP
Pad 5
LAINM
Pad 6
GNDA
Pad 7
LVL
Pad 15
SQ
Pad 14
VCCA
Pad 13
LAOP
Pad 12
LAOM
Pad 11
VCCA
Pad 10
LOS
Pad 9
LOS
Pad 8
TH
Pad1
CAZ1


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn