Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72101 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS72101
Description  LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72101 Datasheet(HTML) 5 Page - Texas Instruments

  TPS72101 Datasheet HTML 1Page - Texas Instruments TPS72101 Datasheet HTML 2Page - Texas Instruments TPS72101 Datasheet HTML 3Page - Texas Instruments TPS72101 Datasheet HTML 4Page - Texas Instruments TPS72101 Datasheet HTML 5Page - Texas Instruments TPS72101 Datasheet HTML 6Page - Texas Instruments TPS72101 Datasheet HTML 7Page - Texas Instruments TPS72101 Datasheet HTML 8Page - Texas Instruments TPS72101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TPS72101, TPS72115
TPS72116, TPS72118
SLVS352B – DECEMBER 2001 – REVISED MAY 2002
www.ti.com
5
TYPICAL CHARACTERISTICS
Figure 1
1.7995
1.7996
1.7997
1.7998
1.7999
1.8000
1.8001
1.8002
0
30
60
90
120
150
IO – Output Current – mA
TPS72118
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VI = 2.8 V
Co = 1 µF
TJ = 25° C
Figure 2
TJ – Junction Temperature – °C
TPS72118
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
IO = 150 mA
IO = 1 mA
VI = 2.8 V
Co = 1 µF
1.7900
1.7920
1.7940
1.7960
1.7980
1.8000
1.8020
1.8040
–40 –25 –10 5
20 35 50 65 80 95 110 125
Figure 3
0
100
200
300
400
500
600
700
–40 –25 –10 5
20 35 50 65 80 95 110 125
TJ – Junction Temperature – °C
TPS72118
GROUND CURRENT
vs
JUNCTION TEMPERATURE
IO = 150 mA
VI = 2.8 V
Co = 1 µF
IO = 1 mA
Figure 4
0
100
300
400
500
600
700
IO – Output Current – mA
TPS72118
GROUND CURRENT
vs
OUTPUT CURRENT
TJ = 25° C
TJ = 125° C
0
60
90
120
150
TJ = –40° C
VI = 2.8 V
Co = 1 µF
30
200
Figure 5
TPS72118
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
0
0.5
1
1.5
2
2.5
100
1 k
10 k
100 k
f – Frequency – Hz
IO = 1 mA
VI = 2.8 V
Co = 1 µF
IO = 150 mA
Figure 6
f – Frequency – Hz
IO = 1 mA
VI = 2.8 V
Co = 1 µF
IO = 150 mA
TPS72118
OUTPUT IMPEDANCE
vs
FREQUENCY
1
0.1
0.01
1
10
100
1 k
10 k
10
100 k 1 M
10 M
0.001
100
1 k
Figure 7
IO = 150 mA
IO = 10 mA
VI = 2.8 V
Co = 1 µF
TJ – Junction Temperature – °C
TPS72118
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
0
50
100
150
200
250
–40 –25 –10 5
203550658095 110 125
Figure 8
0
10
20
30
40
50
60
70
1
10
100
1 k
10 k
100 k 1 M
f – Frequency – Hz
TPS72118
POWER SUPPLY RIPPLE REJECTION
vs
FREQUENCY
VI = 2.8 V
Co = 1 µF
IO = 150 mA
Figure 9
TPS72118
OUTPUT VOLTAGE, ENABLE VOLTAGE
vs
TIME (START-UP)
t – Time –
µs
0
150
100
50
200 200
350
300
400 450 500
VI = 2.8 V
VO = 1.8 V
IO = 150 mA
Co = 1 µF
1
2
1
0
2
3
VEN
VO
0


Similar Part No. - TPS72101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72101 TI-TPS72101 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI1-TPS72101 Datasheet
868Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101DBVR TI-TPS72101DBVR Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101DBVR TI1-TPS72101DBVR Datasheet
868Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101DBVRG4 TI-TPS72101DBVRG4 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS72101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72101 TI1-TPS72101_16 Datasheet
868Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS721 TI-TPS721_15 Datasheet
762Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101_07 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72201 TI-TPS72201 Datasheet
119Kb / 11P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72218DBVRG4 TI-TPS72218DBVRG4 Datasheet
741Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS722 TI-TPS722 Datasheet
756Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com