Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5210 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS5210
Description  PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5210 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS5210_16 Datasheet HTML 16Page - Texas Instruments TPS5210_16 Datasheet HTML 17Page - Texas Instruments TPS5210_16 Datasheet HTML 18Page - Texas Instruments TPS5210_16 Datasheet HTML 19Page - Texas Instruments TPS5210_16 Datasheet HTML 20Page - Texas Instruments TPS5210_16 Datasheet HTML 21Page - Texas Instruments TPS5210_16 Datasheet HTML 22Page - Texas Instruments TPS5210_16 Datasheet HTML 23Page - Texas Instruments TPS5210_16 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
TPS5210
PROGRAMMABLE SYNCHRONOUS BUCK REGULATOR CONTROLLER
SLVS171A − SEPTEMBER 1998 − REVISED MAY 1999
20
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 2. Power Stage Components
Ref
Function
12-V−Input Power Stage Components
Ref
Des
Function
4−A Out
8−A Out
12−A Out
20−A Out
40−A Out
C101
Input Bulk
Capacitor
Sanyo,
16SV100M,
100−uF, 16−V, 20%
Sanyo,
16SA470M,
2 x 470−uF, 16−V, 20%
Sanyo,
16SA470M,
2 x 470−uF, 16−V, 20%
Sanyo,
16SA470M,
3 x 470−uF, 16−V, 20%
Sanyo,
16SA470M,
4 x 470−uF, 16−V, 20%
C102
Input
Mid−Freq
Capacitor
muRata,
GRM42−6Y5V105Z025A
1.0−uF, 25−V,
+80%−20%,
Y5V
muRata,
GRM42−6Y5V225Z016A
2.2−uF, 16−V,
+80%−20%,
Y5V
muRata,
GRM42−6Y5V225Z016A
2.2−uF, 16−V,
+80%−20%,
Y5V
muRata,
GRM42−6Y5V105Z025A
3 x 1.0−uF, 25−V,
+80%−20%,
Y5V
muRata,
GRM42−6Y5V105Z025A
4 x 1.0−uF, 25−V,
+80%−20%,
Y5V
C103
Input
Hi−Freq
Bypass
Capacitor
muRata,
GRM39X7R104K016A
0.1−uF, 16−V, X7R
muRata,
GRM39X7R104K016A,
0.1−uF, 16−V, X7R
muRata,
GRM39X7R104K016A,
2 x 0.1−uF, 16−V, X7R
muRata,
GRM39X7R104K016A,
3 x 0.1−uF, 16−V, X7R
muRata,
GRM39X7R104K016A,
4 x 0.1−uF, 16−V, X7R
C104
Snubber
Capacitor
muRata,
GRM39X7R102K050A,
1000−pF, 50−V, X7R
muRata,
GRM39X7R102K050A,
1000−pF, 50−V, X7R
muRata,
GRM39X7R102K050A,
2 x 1000−pF, 50−V, X7R
muRata,
GRM39X7R102K050A,
3 x 1000−pF, 50−V, X7R
muRata,
GRM39X7R102K050A,
4 x 1000−pF, 50−V, X7R
C105
Output Bulk
Capacitor
Sanyo,
6TPB150M,
3 x 150−uF, 6.3−V, 20%
Sanyo,
4SP820M,
820−uF, 4−V, 20%
Sanyo,
4SP820M,
2 x 820−uF, 4−V, 20%
Sanyo,
4SP820M,
3 x 820−uF, 4−V, 20%
Sanyo,
4SP820M,
4 x 820−uF, 4−V, 20%
C106
Output
Hi−Freq
Bypass
Capacitor
muRata,
GRM39X7R104K016A,
0.1−uF, 16−V, X7R
muRata,
GRM39X7R104K016A,
0.1−uF, 16−V, X7R
muRata,
GRM39X7R104K016A,
2 x 0.1−uF, 16−V, X7R
muRata,
GRM39X7R104K016A,
3 x 0.1−uF, 16−V, X7R
muRata,
GRM39X7R104K016A,
4 x 0.1−uF, 16−V, X7R
L101
Input
Filter
Inductor
CoilCraft,
DO1608C−332,
3.3−uH, 2.0−A
Coiltronics,
UP2B−2R2,
2.2−uH, 7.2−A
Coiltronics,
UP2B−2R2,
2.2−uH, 7.2−A
Coiltronics,
UP3B−1R0,
1−uH, 12.5−A
Coiltronics,
UP3B−1R0,
1−uH, 12.5−A
L102
Output
Filter
Inductor
CoilCraft,
DO3316P−332,
3.3−uH, 6.1−A
Coiltronics,
UP3B−2R2,
2.2−uH, 9.2−A
Coiltronics,
UP4B−1R5,
1.5−uH, 13.4−A
MicroMetals,
T68−8/90 Core w/7T
#16, 1.0−uH, 25−A
Pulse Engineering,
P1605,
1.0−uH, 50−A
R101
Lo−Side
Gate
Resistor
3.3−Ohm,
1/16−W, 5%
3.3−Ohm,
1/16−W, 5%
2 x 3.3−Ohm,
1/16−W, 5%
3 x 3.3−Ohm,
1/16−W, 5%
4 x 3.3−Ohm,
1/16−W, 5%
R102
Snubber
Resistor
2.7−Ohm,
1/10−W, 5%
2.7−Ohm,
1/10−W, 5%
2 x 2.7−Ohm,
1/10−W, 5%
3 x 2.7−Ohm,
1/10−W, 5%
4 x 2.7−Ohm,
1/10−W, 5%
Q101
Power
Switch
Siliconix, Si4410,
NMOS, 13−mOhm
Siliconix, Si4410,
NMOS, 13−mOhm
Siliconix, 2 x Si4410,
NMOS, 13−mOhm
Siliconix, 2 x Si4410,
NMOS, 13−mOhm
IR, 2 x IRF7811,
NMOS, 11−mOhm
Q102
Synchron-
ous
Switch
Siliconix, Si4410,
NMOS, 13−mOhm
Siliconix, Si4410,
NMOS, 13−mOhm
Siliconix, 2 x Si4410,
NMOS, 13−mOhm
Siliconix, 3 x Si4410,
NMOS, 13−mOhm
IR, 4 x IRF7811,
NMOS, 11−mOhm
Nominal Frequency†
220 KHz
330 KHz
240 KHz
140 KHz
168 KHz
Hysteresis Window
20 mV
20 mV
20 mV
20 mV
10 mV
† Nominal frequency measured with Vo set to 2 V.
The values listed above are recommendations based on actual test circuits. Many variations of the above are
possible based upon the desires and/or requirements of the user. Performance of the circuit is equally, if not
more, dependent upon the layout than on the specific components, as long as the device parameters are not
exceeded. Fast-response, low-noise circuits require critical attention to the layout details. Even though the
operating frequencies of typical power supplies are relatively low compared to today’s microprocessor circuits,
the power levels and edge rates can cause severe problems both in the supply and the load. The power stage,
having the highest current levels and greatest dv/dt rates, should be given the greatest attention.


Similar Part No. - TPS5210_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5210DW TI-TPS5210DW Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210PWP TI-TPS5210PWP Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
More results

Similar Description - TPS5210_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5210 TI-TPS5210 Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
   5-Bit Programmable Synchronous Buck Regulator Controller
LM2636 NSC-LM2636 Datasheet
325Kb / 14P
   5-Bit Programmable Synchronous Buck Regulator Controller
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
TPS5615 TI-TPS5615 Datasheet
387Kb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com