Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA681U Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA681U
Description  Wideband, Current Feedback OPERATIONAL AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA681U Datasheet(HTML) 3 Page - Texas Instruments

  OPA681U Datasheet HTML 1Page - Texas Instruments OPA681U Datasheet HTML 2Page - Texas Instruments OPA681U Datasheet HTML 3Page - Texas Instruments OPA681U Datasheet HTML 4Page - Texas Instruments OPA681U Datasheet HTML 5Page - Texas Instruments OPA681U Datasheet HTML 6Page - Texas Instruments OPA681U Datasheet HTML 7Page - Texas Instruments OPA681U Datasheet HTML 8Page - Texas Instruments OPA681U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
OPA681
SBOS084A
SPECIFICATIONS: VS = +5V
RF = 499Ω, RL = 100Ω to VS /2, and G = +2, (Figure 2 for AC performance only), unless otherwise noted.
OPA681P, U, N
TYP
GUARANTEED
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
70
°C(3)
+85
°C(3)
UNITS
MAX LEVEL(1)
AC PERFORMANCE (Figure 2)
Small-Signal Bandwidth (VO = 0.5Vp-p)
G = +1, RF = 649Ω
250
MHz
typ
C
G = +2, RF = 499Ω
225
180
140
110
MHz
min
B
G = +5, RF = 360Ω
180
MHz
typ
C
G = +10, RF = 200Ω
165
MHz
typ
C
Bandwidth for 0.1dB Gain Flatness
G = +2, VO < 0.5Vp-p
100
50
35
23
MHz
min
B
Peaking at a Gain of +1
RF = 649Ω, VO < 0.5Vp-p
0.4
2
4
dB
max
B
Large-Signal Bandwidth
G = +2, VO = 2Vp-p
200
MHz
typ
C
Slew Rate
G = +2, 2V Step
830
700
680
570
V/
µs
min
B
Rise/Fall Time
G = +2, VO = 0.5V Step
1.5
ns
typ
C
G = +2, VO = 2V Step
2.0
ns
typ
C
Settling Time to 0.02%
G = +2, VO = 2V Step
14
ns
typ
C
0.1%
G = +2, VO = 2V Step
9
ns
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2Vp-p
2nd Harmonic
RL = 100Ω to VS/2
–70
–68
–67
–63
dBc
max
B
RL ≥ 500Ω to VS/2
–72
–70
–70
–68
dBc
max
B
3rd Harmonic
RL = 100Ω to VS/2
–72
–65
–65
–62
dBc
max
B
RL ≥ 500Ω to VS/2
–73
–68
–67
–67
dBc
max
B
Input Voltage Noise
f > 1MHz
2.2
3
3.4
3.6
nV/
√Hz
max
B
Non-Inverting Input Current Noise
f > 1MHz
12
14
14
15
pA/
√Hz
max
B
Inverting Input Current Noise
f > 1MHz
15
18
18
19
pA/
√Hz
max
B
DC PERFORMANCE(4)
Open-Loop Transimpedance Gain (ZOL)
VO = VS/2, RL = 100Ω to VS/2
100
60
53
51
k
min
A
Input Offset Voltage
VCM = 2.5V
±1
±5
±6.0
±7
mV
max
A
Average Offset Voltage Drift
VCM = 2.5V
+15
+20
µV/°C
max
B
Non-Inverting Input Bias Current
VCM = 2.5V
+40
+65
+75
+95
µA
max
A
Average Non-Inverting Input Bias Current Drift
VCM = 2.5V
–300
–350
nA/
°C
max
B
Inverting Input Bias Current
VCM = 2.5V
±5
±20
±25
±35
µA
max
A
Average Inverting Input Bias Current Drift
VCM = 2.5V
–125
–175
nA /
°C
max
B
INPUT
Least Positive Input Voltage(5)
1.5
1.6
1.7
1.8
V
max
A
Most Positive Input Voltage(5)
3.5
3.4
3.3
3.2
V
min
A
Common-Mode Rejection Ratio (CMRR)
VCM = VS/2
51
45
44
44
dB
min
A
Non-Inverting Input Impedance
100 || 2
k
Ω || pF
typ
C
Min Inverting Input Resistance (RI )
Open-Loop
46
38
36
35
min
A
Max Inverting Input Resistance (RI )
Open-Loop
46
53
55
60
max
A
OUTPUT
Most Positive Output Voltage
No Load
4
3.8
3.7
3.5
V
min
A
RL = 100Ω to VS/2
3.9
3.7
3.6
3.4
V
min
A
Least Positive Output Voltage
No Load
1
1.2
1.3
1.5
V
max
A
RL = 100Ω to VS/2
1.1
1.3
1.4
1.6
V
max
A
Current Output, Sourcing
VO = VS/2
150
110
110
60
mA
min
A
Current Output, Sinking
VO = VS/2
–110
–75
–70
–50
mA
min
A
Closed-Loop Output Impedance
G = +2, f = 100kHz
0.03
typ
C
DISABLE (Disable Low)
Power Down Supply Current (+VS)VDIS = 0
–270
µA
typ
C
Disable Time
100
ns
typ
C
Enable Time
25
ns
typ
C
Off Isolation
G = +2, 5MHz
65
dB
typ
C
Output Capacitance in Disable
4
pF
typ
C
Turn On Glitch
G = +2, RL = 150Ω, VIN = VS /2
±50
mV
typ
C
Turn Off Glitch
G = +2, RL = 150Ω, VIN = VS /2
±20
mV
typ
C
Enable Voltage
3.3
3.5
3.6
3.7
V
min
A
Disable Voltage
1.8
1.7
1.6
1.5
V
max
A
Control Pin Input Bias Current (DIS)
VDIS = 0
100
µA
typ
C
POWER SUPPLY
Specified Single-Supply Operating Voltage
5
V
typ
C
Max Single-Supply Operating Voltage
12
12
12
V
max
A
Max Quiescent Current
VS = +5V
5.3
5.4
5.5
5.5
mA
max
A
Min Quiescent Current
VS = +5V
5.3
4.1
3.7
3.6
mA
min
A
Power Supply Rejection Ratio (–PSRR)
Input Referred
48
dB
typ
C
TEMPERATURE RANGE
Specification: P, U, N
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
Junction-to-Ambient
P
8-Pin DIP
100
°C/W
typ
C
U
SO-8
125
°C/W
typ
C
N
SOT23-6
150
°C/W
typ
C
NOTES: (1) Test levels: (A) 100% tested at 25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation.
(C) Typical value only for information. (2) Junction temperature = ambient for 25
°C guaranteed specifications. (3) Junction temperature = ambient at low temperature
limit: junction temperature = ambient +23
°C at high temperature limit for over temperature guaranteed specifications. (4) Current is considered positive out-of-node.
VCM is the input common-mode voltage. (5) Tested < 3dB below minimum specified CMR at ±CMIR limits.


Similar Part No. - OPA681U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA681U BURR-BROWN-OPA681U Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA681U BURR-BROWN-OPA681U Datasheet
59Kb / 4P
   EVALUATION FIXTURE
More results

Similar Description - OPA681U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA685 TI1-OPA685 Datasheet
371Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA648 BURR-BROWN-OPA648 Datasheet
166Kb / 11P
   ULTRA-WIDEBAND CURRENT FEEDBACK OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com