Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5257BS-FL Datasheet(PDF) 3 Page - Formosa MS

Part No. MMSZ5257BS-FL
Description  SMD Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FORMOSA [Formosa MS]
Homepage  http://www.formosams.com
Logo FORMOSA - Formosa MS

MMSZ5257BS-FL Datasheet(HTML) 3 Page - Formosa MS

  MMSZ5257BS-FL Datasheet HTML 1Page - Formosa MS MMSZ5257BS-FL Datasheet HTML 2Page - Formosa MS MMSZ5257BS-FL Datasheet HTML 3Page - Formosa MS MMSZ5257BS-FL Datasheet HTML 4Page - Formosa MS MMSZ5257BS-FL Datasheet HTML 5Page - Formosa MS MMSZ5257BS-FL Datasheet HTML 6Page - Formosa MS MMSZ5257BS-FL Datasheet HTML 7Page - Formosa MS MMSZ5257BS-FL Datasheet HTML 8Page - Formosa MS MMSZ5257BS-FL Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page 3
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Zener Diode
Document ID
Issued Date
Revised Date
Revision
Page.
Note : 5% tolerance of Zener voltage
MMSZ5227BS-FL
MMSZ5221BS-FL
MMSZ5228BS-FL
MMSZ5222BS-FL
MMSZ5229BS-FL
MMSZ5223BS-FL
MMSZ5230BS-FL
MMSZ5225BS-FL
MMSZ5231BS-FL
MMSZ5226BS-FL
MMSZ5232BS-FL
MMSZ5234BS-FL
MMSZ5235BS-FL
MMSZ5236BS-FL
MMSZ5237BS-FL
MMSZ5239BS-FL
MMSZ5240BS-FL
MMSZ5241BS-FL
MMSZ5242BS-FL
MMSZ5243BS-FL
MMSZ5245BS-FL
MMSZ5246BS-FL
MMSZ5248BS-FL
MMSZ5250BS-FL
MMSZ5251BS-FL
MMSZ5252BS-FL
MMSZ5254BS-FL
MMSZ5255BS-FL
MMSZ5256BS-FL
MMSZ5257BS-FL
MMSZ5258BS-FL
MMSZ5259BS-FL
MMSZ5260BS-FL
MMSZ5261BS-FL
MMSZ5262BS-FL
MMSZ5263BS-FL
MMSZ5264BS-FL
MMSZ5265BS-FL
MMSZ5266BS-FL
MMSZ5267BS-FL
MMSZ5224BS-FL
MMSZ5233BS-FL
MMSZ5238BS-FL
MMSZ5244BS-FL
MMSZ5247BS-FL
MMSZ5249BS-FL
MMSZ5253BS-FL
Part No.
Marking
code
Z3V6,D2
Z2V4,C1
Z3V9,D3
Z2V5,C2
Z4V3,D4
Z2V7,C3
Z4V7,D5
Z3V0,C5
Z5V1,E1
Z3V3,D1
Z5V6,E2
Z6V2,E4
Z6V8,E5
Z7V5,F1
Z8V2,F2
Z9V1,F4
Z10V,F5
Z11V,H1
Z12V,H2
Z13V,H3
Z15V,H5
Z16V,J1
Z18V,J3
Z20V,J5
Z22V,K1
Z24V,K2
Z27V,K4
Z28V,K5
Z30V,M1
Z33V,M2
Z36V,M3
Z39V,M4
Z43V,M5
Z47V,N1
Z51V,N2
Z56V
Z60V
Z62V
Z68V
Z75V
Z2V8
Z6V0
Z8V7,F3
Z14V,H4
Z17V,J2
Z19V
Z25V
10.45
11.40
12.35
14.25
15.20
17.10
19.00
20.90
22.80
25.65
28.50
31.35
34.20
37.05
26.60
40.85
44.65
48.45
53.20
57.00
58.90
64.60
71.45
13.30
16.15
18.05
23.75
3.14
2.28
3.42
2.38
3.71
4.09
2.57
4.47
2.85
4.85
5.32
5.89
6.46
7.13
7.79
8.65
9.50
Min
2.66
5.70
8.27
V @ I
(Volts)
Z
ZT
Zener
voltage
Nom
3.3
2.4
3.6
2.5
3.9
4.3
2.7
4.7
3.0
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
28
43
47
51
56
60
62
68
75
2.8
6.0
8.7
14
17
19
25
10.50
11.55
12.60
13.65
15.75
16.80
18.90
21.00
23.10
25.20
28.35
31.50
34.65
37.80
40.95
29.40
45.15
49.35
53.55
58.80
63.00
65.10
71.40
78.45
14.70
17.85
19.95
26.25
3.47
2.52
3.78
2.63
4.10
4.52
2.84
4.94
3.15
5.36
5.88
6.51
7.14
7.88
8.61
9.56
Max
2.94
6.30
9.14
Test
current
mA
I
ZT
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
9.5
8.5
7.8
7.0
6.2
5.6
5.2
4.6
4.5
4.2
3.8
3.4
3.2
3.0
2.7
2.5
2.2
2.1
2.0
1.8
1.7
20.0
20.0
20.0
9.0
7.4
6.6
5.0
Z
@ I
ZT
ZT
(Ω)Max
24
30
23
30
22
30
19
29
17
28
11
7
5
6
8
10
17
22
30
13
16
17
21
25
29
33
41
44
49
58
70
80
93
105
125
150
170
185
230
270
30
7
8
15
19
23
35
Zener
impedance
Z
@ I
ZK
ZK
1700
1200
1900
1250
2000
1300
1900
1600
1600
1600
1600
1000
750
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
700
800
900
1000
1100
1300
1400
1400
1600
1700
(Ω)Max
1400
1600
600
600
600
600
600
mA
I
ZK
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
(uA)Max
I
R
25
100
15
100
10
5.0
5.0
5.0
5.0
5.0
75
50
3.0
3.0
3.0
3.0
3.0
2.0
1.0
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
75
5.0
3.0
0.1
0.1
0.1
0.1
Leakage
current
Volts
V
R
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
4.0
5.0
6.0
6.5
7.0
8.0
8.4
9.1
9.9
11
12
14
15
17
18
21
21
23
25
27
30
33
36
39
43
46
47
52
56
1.0
3.5
6.5
10
13
14
19
o
Electrical characteristics (at T =25 C unless otherwise noted)
A
MMSZ5221BS-FL THRU MMSZ5267BS-FL
DS-221770
2011/07/12
-
A
9


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn