Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5254A-FL Datasheet(PDF) 10 Page - Formosa MS

Part No. MMSZ5254A-FL
Description  SMD Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FORMOSA [Formosa MS]
Homepage  http://www.formosams.com
Logo FORMOSA - Formosa MS

MMSZ5254A-FL Datasheet(HTML) 10 Page - Formosa MS

Back Button MMSZ5254A-FL Datasheet HTML 2Page - Formosa MS MMSZ5254A-FL Datasheet HTML 3Page - Formosa MS MMSZ5254A-FL Datasheet HTML 4Page - Formosa MS MMSZ5254A-FL Datasheet HTML 5Page - Formosa MS MMSZ5254A-FL Datasheet HTML 6Page - Formosa MS MMSZ5254A-FL Datasheet HTML 7Page - Formosa MS MMSZ5254A-FL Datasheet HTML 8Page - Formosa MS MMSZ5254A-FL Datasheet HTML 9Page - Formosa MS MMSZ5254A-FL Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Page 10
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Zener Diode
Document ID
Issued Date
Revised Date
Revision
Page.
MMSZ5221-FL THRU MMSZ5267-FL
DS-221750
2011/08/26
-
A
10
High reliability test capabilities
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Pressure Cooker
5. Temperature Cycling
6. Thermal Shock
7. Humidity
8. High Temperature Storage Life
at 260 5
for 10 2sec.
immerse body into solder 1/16"±1/32"
O
at 245±5 C for 5 sec.
O
V =80% rate at T =150 C for 168 hrs.
R
J
O
15P
at T =121 C for 4 hrs.
SIG
A
O
O
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
O
O
0 C for 5 min. rise to 100 C for 5 min. total 10 cycles.
O
at T =85 C, RH=85% for 1000hrs.
A
O
at 175 C for 1000 hrs.
O
±
C
±
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-1056
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn