Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5243BS-FL Datasheet(PDF) 2 Page - Formosa MS

Part No. MMSZ5243BS-FL
Description  SMD Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FORMOSA [Formosa MS]
Homepage  http://www.formosams.com
Logo FORMOSA - Formosa MS

MMSZ5243BS-FL Datasheet(HTML) 2 Page - Formosa MS

  MMSZ5243BS-FL Datasheet HTML 1Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 2Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 3Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 4Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 5Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 6Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 7Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 8Page - Formosa MS MMSZ5243BS-FL Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Package outline
Page 2
200mW Surface Mount Zener
Diodes - 2.4V-75V
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Zener Diode
Document ID
Issued Date
Revised Date
Revision
Page.
Features
.
.
.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen free parts, ex. MMSZ5221ΒS-FL-H.
.
Wide Zener Voltage Range Selection, 2.4V to 75V
VZ Tolerance Selection of ±5%
Flat Lead SOD-323FL Plastic Package
Surface Device Type Mounting
Mechanical data
Case : Molded plastic, SOD-323FL
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.004 gram
Epoxy : UL94-V0 rated flame retardant
PARAMETER
CONDITIONS
Symbol
V
F
P
D
MIN.
TYP.
MAX.
0.90
200
UNIT
V
mW
Storage temperature
Operating temperature
T
STG
T
J
-65
-65
+150
+150
oC
oC
o
Maximum ratings (at T =25 C unless otherwise noted)
A
Forward voltage
Power Dissipation
I = 10 mA
F
MMSZ5221BS-FL THRU MMSZ5267BS-FL
DS-221770
2011/07/12
-
A
9
0.106(2.70)
0.091(2.30)
0.016(0.40)
0.010(0.25)
0.077(1.95)
0.063(1.60)
0.053(1.35)
0.045(1.15)
0.039(1.00)
0.028(0.70)
0.010(0.25)
0.002(0.05)
Dimensions in inches and (millimeters)
SOD-323FL


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn