Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9183 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9183
Description  Integrated NTSC comb filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9183 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9183 Datasheet HTML 4Page - NXP Semiconductors TDA9183 Datasheet HTML 5Page - NXP Semiconductors TDA9183 Datasheet HTML 6Page - NXP Semiconductors TDA9183 Datasheet HTML 7Page - NXP Semiconductors TDA9183 Datasheet HTML 8Page - NXP Semiconductors TDA9183 Datasheet HTML 9Page - NXP Semiconductors TDA9183 Datasheet HTML 10Page - NXP Semiconductors TDA9183 Datasheet HTML 11Page - NXP Semiconductors TDA9183 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2000 Nov 30
8
Philips Semiconductors
Objective specification
Integrated NTSC comb filter
TDA9183
CHARACTERISTICS
VCCA =VDDD =5V; Tamb =25 °C; input signal Y/CVBS1 = 1 V (p-p); input signal Y/CVBS2 = 1 V (p-p); input signal
CIN = 0.7 V (p-p); input signal FSC = 200 mV (p-p) sine wave at fSC; input signal SC = 5 V (p-p) sandcastle signal; test
signal: 100% white 75% amplitude FCC colour bar; source impedance for Y/CVBS1 and Y/CVBS = 75 Ω; coupled with
10 nF; source impedance for CIN and FSC = 75 Ω; coupled with 100 nF; load impedance for CVBS/YOUT and
COUT = 15 pF to analog ground (pin AGND); all voltages are related to analog ground (pin AGND); unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCCA
analog supply voltage
4.5
5.0
5.5
V
ICCA
analog supply current
25
mA
VDDD
digital supply voltage
4.5
5.0
5.5
V
IDDD
digital supply current
10
mA
P
power dissipation
175
mW
Luminance or CVBS input 1 and 2; pins Y/CVBS1 and Y/CVBS2
Vi(Y/CVBS)(p-p)
luminance or CVBS input
voltage (peak-to-peak value)
including sync
0.7
1.0
1.4
V
tclamp(Y/CVBS)
clamp time constant
20
lines
Ii(Y/CVBS)
input current
during clamping
−10
0
+10
µA
during active video
−10
0
+10
nA
Chrominance input; pin CIN
Vi(CIN)(p-p)
chrominance input voltage
(peak-to-peak value)
0.7
1.0
V
Ri(CIN)
input resistance
30
−−
k
Colour subcarrier input; pin FSC
Vi(FSC)(p-p)
subcarrier input voltage
(peak-to-peak value)
100
200
400
mV
D
duty cycle
square wave
40
50
60
%
Ri(FSC)
input resistance
30
−−
k
Sandcastle input; pin SC
Vi(SC)
sandcastle input voltage
no clamping
−−
3.3
V
clamping
3.7
−−
V
tW
pulse width
clamping; note 1
2.6
−−µs
tW(rep)
input pulse rising edge
position
with respect to the end
of line blanking; note 1
−−−2.6
µs
Ri(SC)
input resistance
1
−−
M
Ci(SC)
input capacitance
−−
2pF
Input switch select input; pin INPSEL
VIL
LOW-level input voltage
Y/CVBS1 selected
−−
0.5
V
VIH
HIGH-level input voltage
Y/CVBS2 selected
2.0
−−
V
Ri(INPSEL)
input resistance
100
−−
k
Ci(INPSEL)
input capacitance
−−
2pF


Similar Part No. - TDA9183

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9181 PHILIPS-TDA9181 Datasheet
135Kb / 32P
   Integrated multistandard comb filter
2000 Nov 22
TDA9181P PHILIPS-TDA9181P Datasheet
135Kb / 32P
   Integrated multistandard comb filter
2000 Nov 22
TDA9181T PHILIPS-TDA9181T Datasheet
135Kb / 32P
   Integrated multistandard comb filter
2000 Nov 22
More results

Similar Description - TDA9183

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4963 PHILIPS-SAA4963 Datasheet
116Kb / 20P
   Integrated NTSC comb filter
1997 Mar 03
logo
Sony Corporation
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073Q SONY-CXD2073Q Datasheet
160Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
CXD2093Q SONY-CXD2093Q Datasheet
235Kb / 15P
   Digital Comb Filter (NTSC)
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
logo
NXP Semiconductors
SAA4960 PHILIPS-SAA4960 Datasheet
194Kb / 24P
   Integrated PAL comb filter
1996 Oct 15
TDA9181 PHILIPS-TDA9181 Datasheet
135Kb / 32P
   Integrated multistandard comb filter
2000 Nov 22
logo
Zoran Corporation
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com