Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUP70N03-09P Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SUP70N03-09P
Description  N-Channel 30-V (D-S), 175C, MOSFET PWM Optimized
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP70N03-09P Datasheet(HTML) 4 Page - Vishay Siliconix

  SUP70N03-09P Datasheet HTML 1Page - Vishay Siliconix SUP70N03-09P Datasheet HTML 2Page - Vishay Siliconix SUP70N03-09P Datasheet HTML 3Page - Vishay Siliconix SUP70N03-09P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SUP/SUB70N03-09P
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-4
Document Number: 70821
S-59917—Rev. A, 28-Sep-98
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
0.4
0.8
1.2
1.6
2.0
2.4
–50
–25
0
25
50
75
100
125
150
175
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ – Junction Temperature (_C)
VSD – Source-to-Drain Voltage (V)
100
10
1
0.3
0.6
0.9
1.2
1.5
VGS = 10 V
ID = 30 A
TJ = 25_C
TJ = 150_C
0
THERMAL RATINGS
0
20
40
60
80
0
25
50
75
100
125
150
175
Safe Operating Area
VDS – Drain-to-Source Voltage (V)
500
10
0.1
1
10
100
Limited
by rDS(on)
1
100
TC = 25_C
Single Pulse
Maximum Drain Current vs.
Case Temperature
TC – Case Temperature (_C)
1 ms
10 ms
100 ms
dc
10
ms
100
ms
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–5
10–4
10–3
10–2
10–1
1
3
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn