Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55C2V7 Datasheet(PDF) 6 Page - Formosa MS

Part # BZX55C2V7
Description  Zener Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

BZX55C2V7 Datasheet(HTML) 6 Page - Formosa MS

  BZX55C2V7 Datasheet HTML 1Page - Formosa MS BZX55C2V7 Datasheet HTML 2Page - Formosa MS BZX55C2V7 Datasheet HTML 3Page - Formosa MS BZX55C2V7 Datasheet HTML 4Page - Formosa MS BZX55C2V7 Datasheet HTML 5Page - Formosa MS BZX55C2V7 Datasheet HTML 6Page - Formosa MS BZX55C2V7 Datasheet HTML 7Page - Formosa MS BZX55C2V7 Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 6
Formosa MS
BZX55C2V4 THRU BZX55C100
Pinning information
1
2
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Taping & bulk specifications for AXIAL devices
52.4mm/ 26.2mm
A
OFF Center
both sids
1.0mm
6.3mm
Max OFF
Alignment
1.2mm
72mm DIA.
355mm
17mm DIA.
55mm Max.
17mm DIA.
71mm Max.
2
1
Document ID
Issued Date
Revised Date
Revision
Page.
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Zener Diode
REEL PACKING
5,000
5 mm
360 * 340 * 370
20,000
7.3
AMMO PACKING
DO-35G/52mm
5,000
250 *7 8 *78
420 * 270 * 330
100,000
15.0
DO-35G/26mm
5,000
250 * 78 *48
420 * 270 * 330
150,000
16.7
DO-35G/52mm
DEVICE
CASE
TYPE
Q'TY 1
(PCS / REEL)
COMPONENT
SPACING
"A" in FIG. A
CARTON
SIZE
Q'TY 2
(PCS / CARTON)
APPROX.
CROSS
WEIGHT(kg)
(m/m)
DEVICE
CASE
TYPE
Q'TY 1
(PCS / BOX)
INNER
BOX SIZE
CARTON
SIZE
Q'TY 2
(PCS / CARTON)
APPROX.
CROSS
WEIGHT(kg)
(m/m)
(m/m)
DS-222713
2008/02/10
2010/03/10
B
8


Similar Part No. - BZX55C2V7

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BZX55C2V7 KEXIN-BZX55C2V7 Datasheet
1Mb / 3P
   Zener Diodes
logo
Vishay Siliconix
BZX55C2V7 VISHAY-BZX55C2V7 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Yangzhou yangjie electr...
BZX55C2V7 YANGJIE-BZX55C2V7 Datasheet
196Kb / 5P
   Zener Diodes
logo
Chongqing Pingwei Enter...
BZX55C2V7 CHONGQING-BZX55C2V7 Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX55C2V7 FAIRCHILD-BZX55C2V7 Datasheet
166Kb / 4P
   BZX55C2V4 - BZX55C56 Zener Diodes
More results

Similar Description - BZX55C2V7

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com