Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS43337-Q1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS43337-Q1
Description  LOW IQ, SINGLE-BOOST, FIXED-VOLTAGE DUAL SYNCHRONOUS BUCK CONTROLLER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43337-Q1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS43337-Q1 Datasheet HTML 11Page - Texas Instruments TPS43337-Q1 Datasheet HTML 12Page - Texas Instruments TPS43337-Q1 Datasheet HTML 13Page - Texas Instruments TPS43337-Q1 Datasheet HTML 14Page - Texas Instruments TPS43337-Q1 Datasheet HTML 15Page - Texas Instruments TPS43337-Q1 Datasheet HTML 16Page - Texas Instruments TPS43337-Q1 Datasheet HTML 17Page - Texas Instruments TPS43337-Q1 Datasheet HTML 18Page - Texas Instruments TPS43337-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
SS
SS
I
t
C
(Farads)
V
´ D
=
D
SW
9
SW
X
f
(X
24 k
MHz)
RT
10
f
24
RT
=
=
W ´
=
´
TPS43337-Q1
www.ti.com
SLVSBC2A – AUGUST 2013 – REVISED SEPTEMBER 2013
DETAILED DESCRIPTION
BUCK CONTROLLERS: NORMAL-MODE PWM OPERATION
Frequency Selection and External Synchronization
The buck controllers operate using constant-frequency peak-current-mode control for optimal transient behavior
and ease of component choices. The switching frequency is programmable between 150 kHz and 600 kHz,
depending upon the resistor value at the RT pin. A short circuit to ground at this pin sets the default switching
frequency to 400 kHz. the frequency is also set by a resistor at RT according to Equation 1.
(1)
For example,
600 kHz requires 40 k
Ω.
150 kHz requires 160 k
Ω.
Synchronizing to an external clock at the SYNC pin in the same frequency range of 150 to 600 kHz is also
possible. The device detects clock pulses at this pin, and an internal PLL locks on to the external clock within the
specified range. The device also detects a loss of clock at this pin, and on detecting this loss, the device sets the
switching frequency to the internal oscillator. The two buck controllers operate at identical switching frequencies,
180 degrees out of phase.
Enable Inputs
Independent enable inputs from the ENA and ENB pins enable the buck controllers. These are high-voltage pins,
with a threshold of 1.5 V for high level, and with direct connection directly to the battery for self-bias. The low
threshold is 0.7 V. Both these pins have internal pullup currents of 0.5 µA (typical). As a result, an open circuit on
these pins enables the respective buck controllers. When both buck controllers are disabled, the device shuts
down and consumes a current less than 4 µA.
Feedback Inputs
An internal voltage divider presets the output voltage. Connect each FBx pin to the output of the respective
regulator of the pin.
Soft-Start Inputs
In order to avoid large inrush currents, each buck controller has an independent, programmable soft-start timer.
The voltage at the SSx pins acts as the soft-start reference voltage. A 50-µA pullup current available at the SSx
pins, in combination with a suitably chosen capacitor, generates a ramp of the desired soft-start speed. After
start-up, the pullup current ensures that this node is higher than the internal reference of 0.8 V; 0.8 V then
becomes the reference for the buck controllers. Equation 2 calculates the soft-start ramp time.
where,
ISS = 50 µA (typical)
∆V = 0.8 V
CSS is the required capacitor for ∆t, the desired soft-start time.
(2)
Alternatively, the soft-start pins are used as tracking inputs. In this case, connect these pins to the supply to be
tracked via a suitable resistor-divider network.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPS43337-Q1


Similar Part No. - TPS43337-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
TPS43330AQDAPRQ1 TI1-TPS43330AQDAPRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
More results

Similar Description - TPS43337-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43335-Q1 TI1-TPS43335-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com