Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140RHHTG4 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140RHHTG4
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140RHHTG4 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TPS40140RHHTG4 Datasheet HTML 56Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 57Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 58Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 59Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 60Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 61Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 62Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 63Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
TPS40140
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
www.ti.com
10 Power Supply Recommendations
This device is designed to operate from an input voltage supply between 4.5 V and 15 V. The proper bypassing
of input supplies is critical for noise performance.
11 Layout
11.1 Layout Guidelines
11.1.1 Power Stage
A synchronous BUCK power stage has two primary current loops – The input current loop which carries high AC
discontinuous current while the output current loop carries high DC continuous current. The input current loop
includes the input capacitors, the main switching MOSFET, the inductor, the output capacitors and the ground
path back to the input capacitors. To keep this loop as small as possible, it is generally good practice to place
some ceramic capacitance directly between the drain of the main switching MOSFET and the source of the
synchronous rectifier (SR) through a power ground plane directly under the MOSFETs. The output current loop
includes the SR MOSFET, the inductor, the output capacitors, and the ground return between the output
capacitors and the source of the SR MOSFET. As with the input current loop, the ground return between the
output capacitor ground and the source of the SR MOSFET should be routed under the inductor and SR
MOSFET to minimize the power loop area. The SW node area should be as small as possible to reduce the
parasitic capacitance and minimize the radiated emissions. The gate drive loop impedance (HDRV-gate-source-
SW and LDRV-gate-source-GND) should be kept to as low as possible. The HDRV and LDRV connections
should widen to 20mils as soon as possible out from the device pin.
11.1.2 Device Peripheral
The TPS40140 provides separate signal ground (GND) and power ground (PGND) pins. It is required to separate
properly the circuit grounds. The return path for the pins associated with the power stage should be through
PGND. The other pins especially for those sensitive pins such as FB, RT and ILIM should be through the low
noise GND. The GND and PGND plane are suggested to be connected at the output capacitor with single 20 mil
trace. A minimum 0.1-
μF ceramic capacitor must be placed as close to the VDD pin and GND as possible with at
least 15-mil wide trace from the bypass capacitor to the GND. A 4.7-
μF ceramic capacitor should be placed as
close to VREG pin and GND as possible. BP5 is the filtered input from the VREG pin. A 4.7-
Ω resistor should be
connected between VREG and BP5 and a 1-
μF ceramic capacitor should be connected from BP5 to GND. Both
components should be as close to BP5 pin as possible. When DCR sensing method is applied, the sensing
resistor is placed close to the SW node. It is connected to the inductor with Kelvin connection. The sensing
traces from the power stage to the chip should be away from the switching components. The sensing capacitor
should be placed very close to the CS and CSRT pins. The frequency setting resistor should be placed as close
to RT pin and GND as possible. The VOUT and GSNS pins should be directly connected to the point of load
where the voltage regulation is required. A parallel pair of 10-mil traces connects the regulated voltage back to
the chip. They should be away from the switching components. The PowerPAD™ should be electrically
connected to GND.
11.1.3
PowerPAD Layout
The PowerPAD package provides low thermal impedance for heat removal from the device. The PowerPAD
derives its name and low thermal impedance from the large bonding pad on the bottom of the device. The circuit
board must have an area of solder-tinned-copper underneath the package. The dimensions of this area depend
on the size of the PowerPAD package.
Thermal vias connect this area to internal or external copper planes and should have a drill diameter sufficiently
small so that the via hole is effectively plugged when the barrel of the via is plated with copper. This plug is
needed to prevent wicking the solder away from the interface between the package body and the solder-tinned
area under the device during solder reflow. Drill diameters of 0,33 mm (13 mils) works well when 1-oz copper is
plated at the surface of the board while simultaneously plating the barrel of the via. If the thermal vias are not
plugged when the copper plating is performed, then a solder mask material should be used to cap the vias with a
diameter equal to the via diameter plus 0.1 mm minimum. This capping prevents the solder from being wicked
through the thermal vias and potentially creating a solder void under the package. Refer to PowerPAD™
Thermally Enhanced Package (SLMA002) for more information on the PowerPAD package.
60
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS40140


Similar Part No. - TPS40140RHHTG4

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140RHHT TI-TPS40140RHHT Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
More results

Similar Description - TPS40140RHHTG4

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz