Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140RHHTG4 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140RHHTG4
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140RHHTG4 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TPS40140RHHTG4 Datasheet HTML 54Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 55Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 56Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 57Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 58Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 59Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 60Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 61Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
SW
3
1.058
R
1.33 (39.2 10
(f
)
7)
45.8 k
-
=
´
´
´
-
=
W
OUT
RIPPLE
SW
V
(1 D)
I
0.526
1.573 A
L f
´
-
=
´
=
´
TPS40140
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
www.ti.com
(61)
With 356-
μF output capacitance, the ripple voltage at the capacitor is calculated to be 0.85 mV. In the
specification, the output ripple voltage should be less than 20 mV, so based on Equation 24, the required
maximum ESR is 12 m
Ω. The selected capacitors can reach this requirement.
9.3.1.2 Step 2: Input Capacitor Selection
The input voltage ripple depends on the input capacitance and the ESR. The minimum capacitor and the
maximum ESR can be estimated by Equation 25 and Equation 26 in the dual output design example.
For this design, assume VRIPPLE(CIN) is 50 mV and VRIPPLE(CinEST) is 30 mV, also each phase inductor ripple
current is 50%, so the calculated minimum capacitance is 23-
μF and the maximum ESR is 4.6 mΩ. In this case,
one 33-
μF 6.3-V SP-capacitor is placed on the mother board and each module has two 22-μF, 6.3-V ceramic
capacitors.
The maximum input ripple RMS current is calculated to be 2.57 A with the maximum input voltage based on
Equation 58. The selected capacitors are sufficient to meet this requirement.
9.3.1.3 Step 3: Peripheral Component Design
9.3.1.3.1
Master Module
9.3.1.3.1.1
Rt (Pin 5)
It is connected to GND with a resistor that sets the switching frequency.
(62)
Here, ƒsw represents the phase switching frequency. In the design, a 47-kΩ resistor is selected. The actual
switching frequency is 650 kHz.
9.3.1.3.1.2
COMP1 and COMP2 (Pin 35 and Pin 10)
COMP1 is connected to the compensator network.
COMP2 is directly tied to COMP1.
9.3.1.3.1.3
TRK1 and TRK2 (Pin 33 and Pin 12)
A soft start capacitor is connected between TRK1 and GND. TRK2 is directly tied to BP5 to set this channel as a
salve.
9.3.1.3.1.4
ILIM1 and ILIM2 (Pin 34 and Pin 11)
ILIM1 is connected to the resistor network that has the same design as the dual output example. The peak
current in Equation 42 and Equation 43 is the peak current of each phase.
ILIM2 is grounded.
9.3.1.3.1.5
FB1 and FB2 (Pin 36 and Pin 9)
FB1 is tied to the feedback network. FB2 is connected to GND.
9.3.1.3.1.6
PHSEL (Pin 4)
For this four phase configuration, the PHSEL pin is tied to GND with a 39-k
Ω resistor.
9.3.1.3.1.7
PGOOD1 and PGOOD2 (Pin 30 and Pin 15)
Both of PGOOD1 and PGOOD2 are tied to BP5 with a 10-k
Ω resistor.
9.3.1.3.1.8
CLKIO (Pin 28)
CLKIO is connected to the same pin in the salve module.
58
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS40140


Similar Part No. - TPS40140RHHTG4

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140RHHT TI-TPS40140RHHT Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
More results

Similar Description - TPS40140RHHTG4

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz