Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140RHHTG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140RHHTG4
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140RHHTG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS40140RHHTG4 Datasheet HTML 1Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 2Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 3Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 4Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 5Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 6Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 7Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 8Page - Texas Instruments TPS40140RHHTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
TPS40140
www.ti.com
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
Pin Functions (continued)
PIN(1)
I/O
DESCRIPTION
NAME
NO.
A voltage divider from VIN to this pin determines the input voltage that CH2 starts. When the voltage is
UVLO_CE2
16
I
between 0.5 and 1.5 V the VREG regulator is enabled . When the voltage is 2.1 V or above CH2 soft start is
allowed to begin.
Power input for the controller 5V regulator and differential amplifier. A 1.0-
μF ceramic capacitor should be
VDD
17
I
connected from this pin to ground.
Non-inverting input of the differential amplifier. This pin should be connected to the output of the converter
VOUT
2
I
close to the load point. If the differential amplifier is not used, leave this pin open.
The output of the internal 5-V regulator. A 4.7-
μF ceramic capacitor should be connected from this pin to
VREG
21
O
PGND.
VSHARE
6
O
The 1.8-V reference output
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD, UVLO
≤ VDD, RT, SS
–0.3
16
SW1, SW2
–1
44
Input voltage
SW1, SW2, transient < 50 ns
–5
V
BOOT1, BOOT2, HDRV1, HDRV2
VSW + 6.0
All other pins
–0.3
6.0
Output current
RT
200
µA
TJ
Operating junction temperature
–40
150
°C
Tstg
Storage temperature
–55
150
°C
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
3000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD, UVLO
≤ VDD
–0.3
15
SW1, SW2
–1
40
Input voltage
V
BOOT1, BOOT2, HDRV1, HDRV2
VSW + 5.5
All other pins
–0.3
5.5
Maximum output current
RT
25
µA
Operating free-air temperature
–40
85
°C
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS40140


Similar Part No. - TPS40140RHHTG4

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140RHHT TI-TPS40140RHHT Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
More results

Similar Description - TPS40140RHHTG4

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz