Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL5001 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TL5001
Description  Wide Input Range Non-Synchronous Voltage Mode Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL5001 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL5001 Datasheet HTML 10Page - Texas Instruments TL5001 Datasheet HTML 11Page - Texas Instruments TL5001 Datasheet HTML 12Page - Texas Instruments TL5001 Datasheet HTML 13Page - Texas Instruments TL5001 Datasheet HTML 14Page - Texas Instruments TL5001 Datasheet HTML 15Page - Texas Instruments TL5001 Datasheet HTML 16Page - Texas Instruments TL5001 Datasheet HTML 17Page - Texas Instruments TL5001 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
+
2
150 mV
S
Q
Q
R
+
8
5
VSS
UDG-10077
TPS40200
Reset Fault
100 mV
7
VDD
ISNS
Fault
SS
Latched
Fault
GND
Enable
Error Amplifier
300 kW
100 kW
SS Reference
Error Amplifier
300 mV
+
TPS40200
SLUS659G – FEBRUARY 2006 – REVISED NOVEMBER 2014
www.ti.com
Feature Description (continued)
7.3.5 Current Limit Resistor Selection
As shown in Figure 28, a resistor in series with the power MOSFET sets the overcurrent protection level. Use a
low-inductance resistor to avoid ringing signals and nuisance tripping. When the FET is on and the controller
senses 100 mV or more drop from the VDD pin to the ISNS pin, an overcurrent condition is declared. When this
happens, the FET is turned off, and as shown in Figure 26, the soft-start capacitor is discharged. When the soft-
start capacitor reaches a level below 150 mV, the converter clears the overcurrent condition flag and attempts to
restart. If the condition that caused the overcurrent event to occur is still present on the output of the converter
(see Figure 27), another overcurrent condition is declared and the process repeats indefinitely. Figure 27 shows
the soft-start capacitor voltage during an extended output fault condition. The overall duty cycle of current
conduction during a persistent fault is approximately 2%.
Figure 26. Current Limit Reset
14
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TPS40200


Similar Part No. - TL5001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL5001 UTC-TL5001 Datasheet
254Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL5001 TI-TL5001 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL5001 UTC-TL5001 Datasheet
312Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
E-Tech Electronics LTD
TL5001 ETL-TL5001 Datasheet
312Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL5001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200 TI-TPS40200 Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPS40200 Wide Input Range Non-Synchronous Voltage Mode Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5212 GMT-G5212 Datasheet
72Kb / 1P
   Wide Input Range Synchronous Buck DCDC Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com