Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140RHHT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140RHHT
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140RHHT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS40140RHHT Datasheet HTML 9Page - Texas Instruments TPS40140RHHT Datasheet HTML 10Page - Texas Instruments TPS40140RHHT Datasheet HTML 11Page - Texas Instruments TPS40140RHHT Datasheet HTML 12Page - Texas Instruments TPS40140RHHT Datasheet HTML 13Page - Texas Instruments TPS40140RHHT Datasheet HTML 14Page - Texas Instruments TPS40140RHHT Datasheet HTML 15Page - Texas Instruments TPS40140RHHT Datasheet HTML 16Page - Texas Instruments TPS40140RHHT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
17
8
31
32
27
26
25
24
VDD
BP5
CS1
CSRT1
BOOT1
HDRV1
SW1
LDRV1
TPS40140
34
2
3
1
ILIM1
VOUT
GSNS
DIFFO
36
33
35
9
FB1
TRK1
COMP1
FB2
12
10
14
13
TRK2
COMP2
CS2
CSRT2
11
29
16
5
ILIM2
UVLO_CE1
UVLO_CE2
RT
4
PHSEL
U1
V5REG
U3
ICTLR1
+
U2
OC1
+
U9
0.7 V
VREF
+
+
U10
U13
6 mA
to
12 mA
0.7 V
VREF
+
+
U14
U20
U11
+
U15
U22
ICTLR2
+
U21
6 mA
to
12 mA
OC2
U27
PGOOD
Control
U23
UV/OV/OC
Control
FB1
FB2
OC1
OC2
U4
RAMP1
+
U25
CLOCK
TRK1
TRK2
FB1
FB2
U16
RAMP2
U26
RAMP GEN
MCLK
PWM1
U6
PWM
Logic
PWM2
U5
+
+
U17
U7
Anti
Cross
Conduction
U18
Anti
Cross
Conduction
U8
21 VREG
18
19
20
BOOT2
HDRV2
SW2
U19
23 PGND
VREG
U12
22 LDRV2
VREG
U24
30
15
6
PGOOD1
PGOOD2
VSHARE
7
GND
CLKIO
28
RAMP1
RAMP2
1.8 V
UDG-08198
TPS40140
www.ti.com
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Clock Master and Clock Slave
A controller may function as a 'clock master' or a 'clock slave'. The term 'clock master' designates the controller,
in a multi-controller configuration, that generates the CLKIO signal for clock synchronization between the clock
master and the clock slaves. The CLKIO signal is generated when the 'RT' pin of the clock master is terminated
with a resistor to ground and the PHSEL pin of the clock master is terminated with a resistor, or resistor string, to
ground. The 'Clock slave' is configured by connecting the RT pin to BP5. Then the Clock slave receives the
CLKIO signal from the clock master. The phasing of the slave is accomplished with a resistor string tied to the
PHSEL pin. More information is covered in the Clock Master, PHSEL, and CLKIO Configurations section.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS40140


Similar Part No. - TPS40140RHHT

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140RHHT TI-TPS40140RHHT Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
More results

Similar Description - TPS40140RHHT

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com