Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40140RHHT Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140RHHT
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140RHHT Datasheet(HTML) 45 Page - Texas Instruments

Back Button TPS40140RHHT Datasheet HTML 41Page - Texas Instruments TPS40140RHHT Datasheet HTML 42Page - Texas Instruments TPS40140RHHT Datasheet HTML 43Page - Texas Instruments TPS40140RHHT Datasheet HTML 44Page - Texas Instruments TPS40140RHHT Datasheet HTML 45Page - Texas Instruments TPS40140RHHT Datasheet HTML 46Page - Texas Instruments TPS40140RHHT Datasheet HTML 47Page - Texas Instruments TPS40140RHHT Datasheet HTML 48Page - Texas Instruments TPS40140RHHT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
CM
1
A
400
R1 C2
=
=
´
T v (j × 2 × π × fc) = 1
z
1
f =
= 5.91kHz
2 × π × (R1+ R2) × C1
p
1
f =
= 174.9 kHz
2 × π × R2 × C1
Tv(s) = Gc(s) × Gvc(s)
1
s × (R1+ R2) × C1+ 1
Gc(s) =
×
R1× C2
s × (s × R2 × C1+ 1)
R2
R1
C2
C1
+
VREF
ESR
OUT
1
f
=
= 144.7 kHz
2 × π × C
× ESR
)
VCP1
OUT
OUT
1
f
=
= 2.36 kHz
2 × π × C
× (ESR +R
S
OUT
RAMP
IN
OUT
OUT
RAMP
t
t
V
V
DCR
Ac
t
L
ln
V
V
2
V
V
DCR
Ac
DCR
Ac
t
L
L
=
æ
ö
æ
ö
æ
ö
æ
ö
-
´
´
ç
÷
ç
÷
ç
÷
ç
÷
è
ø è
ø
ç
÷
è
ø
ç
÷
-
´
æ
ö
æ
ö
ç
÷
-
´
´
-
´
´
ç
÷
ç
÷
ç
÷
è
ø è
ø
è
ø
TPS40140
www.ti.com
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
(47)
The low-frequency pole is calculated by:
(48)
The ESR zero is calculated by:
(49)
In this design, a Type II compensator is employed to compensate the loop.
Figure 41. Type II Compensator
The compensator transfer function is:
(50)
The loop gain transfer function is:
(51)
Assume the desired crossover frequency is 60 kHz, then set the compensator zero about 1/10 of the crossover
frequency and the compensator pole equal to the ESR zero. The compensator gain is then calculated to achieve
the desired bandwidth. In this design, the compensator gain, pole and zero are selected as following:
(52)
(53)
(54)
The compensator gain is solved as 400.
where
C1 = 2.6 nF
C2 = 250 pF
R2 = 350
Set R1 equal to 10-k
Ω, and then calculate all the other components
(55)
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: TPS40140


Similar Part No. - TPS40140RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140RHHT TI-TPS40140RHHT Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
More results

Similar Description - TPS40140RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com