Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140RHHT Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140RHHT
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140RHHT Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS40140RHHT Datasheet HTML 26Page - Texas Instruments TPS40140RHHT Datasheet HTML 27Page - Texas Instruments TPS40140RHHT Datasheet HTML 28Page - Texas Instruments TPS40140RHHT Datasheet HTML 29Page - Texas Instruments TPS40140RHHT Datasheet HTML 30Page - Texas Instruments TPS40140RHHT Datasheet HTML 31Page - Texas Instruments TPS40140RHHT Datasheet HTML 32Page - Texas Instruments TPS40140RHHT Datasheet HTML 33Page - Texas Instruments TPS40140RHHT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
0.7 V
0
t - TIME
1.4 V
2.4 V
2.0 V
1.0 V
SSWAIT
VDD
VREG
BP5
UVLO_CEx
TRKx
VOUT
PGOOD
M_CH1
M_CH2
S2_CH1
S1_CH2
S2_CH2
S3_CH1
S4_CH1
S3_CH2
S4_CH2
Phase
S1_CH1
S5_CH2
NOT USED
S5_CH1
NOT USED
M
R
S1
R
S2
S3
S4
ILIM 2 = hi
PHSEL connection
TPS40140
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
www.ti.com
Figure 28. Ten-Phase System With Slaves Not Attached
Clocking between the attached slave channels is as shown.
9.1.5 Typical Start-Up Sequence
Figure 29 shows a typical start-up with the VDD applied to the controller and then the UVLO-CEx being enabled.
Shutdown occurs when the VDD is removed.
Figure 29. Typical Start-Up and Shut-Down Sequence
30
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS40140


Similar Part No. - TPS40140RHHT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140RHHT TI-TPS40140RHHT Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
More results

Similar Description - TPS40140RHHT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz