Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140RHHT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140RHHT
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140RHHT Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS40140RHHT Datasheet HTML 23Page - Texas Instruments TPS40140RHHT Datasheet HTML 24Page - Texas Instruments TPS40140RHHT Datasheet HTML 25Page - Texas Instruments TPS40140RHHT Datasheet HTML 26Page - Texas Instruments TPS40140RHHT Datasheet HTML 27Page - Texas Instruments TPS40140RHHT Datasheet HTML 28Page - Texas Instruments TPS40140RHHT Datasheet HTML 29Page - Texas Instruments TPS40140RHHT Datasheet HTML 30Page - Texas Instruments TPS40140RHHT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
CLKIO
PHSEL
20 A
SLAVE3
CLKIO
PHSEL
TPS40140
R3
R1
TPS40140MASTER
SLAVE2
CLKIO
PHSEL
TPS40140
SLAVE1
CLKIO
PHSEL
TPS40140
SLAVE7
CLKIO
PHSEL
TPS40140
SLAVE6
TPS40140
SLAVE5
TPS40140
SLAVE4
TPS40140
ILIM2
ILIM2
ILIM2
ILIM2
BP5
10 k
CLKIO
PHSEL
R2
CLKIO
PHSEL
CLKIO
PHSEL
TPS40140
www.ti.com
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
9.1.3.3.6
Eight ICs Operation
To further increase the total current capability to sixteen phases, or to increase the number of outputs, seven
slave controllers can be added as shown in Figure 25.
Figure 25. Master Controller and Seven Slave Controllers, 16 Phases
In this configuration, the master senses that there are three slave controllers (due to the three resistors) and
distributes an eight-phase CLKIO signal. Slave1, slave2, and slave3 are turned on at 90°, 45°, and 135°
respectively as before with three slaves. However, to get sixteen phases with an eight-phase clock, both edges
of the CLKIO signal are used to control the slaves. With the ILIM2 tied high on slave4, slave5, slave6, and slave7
they turn on at the rising edge of CLKIO, while the master and slave1, slave2, and slave3 turn on at the falling
edge of CLKIO. If six slaves are desired, just delete one of the slaves from Figure 25. The interleaving is not be
perfect because there is 22.5° between the master and three slaves. The deleted slave causes 45° between the
two adjacent slaves. See Figure 26 for a phasing details.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: TPS40140


Similar Part No. - TPS40140RHHT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140RHHT TI-TPS40140RHHT Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
More results

Similar Description - TPS40140RHHT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz