Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140RHHT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140RHHT
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140RHHT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS40140RHHT Datasheet HTML 16Page - Texas Instruments TPS40140RHHT Datasheet HTML 17Page - Texas Instruments TPS40140RHHT Datasheet HTML 18Page - Texas Instruments TPS40140RHHT Datasheet HTML 19Page - Texas Instruments TPS40140RHHT Datasheet HTML 20Page - Texas Instruments TPS40140RHHT Datasheet HTML 21Page - Texas Instruments TPS40140RHHT Datasheet HTML 22Page - Texas Instruments TPS40140RHHT Datasheet HTML 23Page - Texas Instruments TPS40140RHHT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
TPS40140
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
www.ti.com
To increase the total current capability, or number of outputs, a single slave controller can be added to a master
controller as shown in Figure 21. The configuration of the 2-phase master and a 2-phase slave controller is also
shown in Table 4 It is possible to have the master controller operate on one switching frequency and the slave
controllers on another, independent frequency. In a multi-phase system the slave controllers would continue to
share load current with the master. This is not a preferred configuration and is mentioned here only for
completeness.
The 10-k
Ω resistor connected from the CLKIO line to GND is required to ensure that the CLKIO line falls to GND
quickly when the master device is shutdown or powers off. The master CLKIO pin goes to a high impedance
state at these times and if the CLKIO line was high, there is no other active discharge part. The slave controllers
look at the CLKIO line to determine if the system is supposed to be running or not. A level below 0.5 V on CLKIO
is required for this purpose.
NOTE
In any system configured to have a CLK master and CLK slaves, a 10-k
Ω resistor
connected from CLKIO to GND is required.
Table 4. TPS40140 Two-Device, 4-Phase Mode Selection and Pin Configuration
DEVICE PIN,
MASTER, 2-PHASE
DEVICE PIN,
SLAVE, 2-PHASE
MASTER
SLAVE
COMP1
TO NETWORK
COMP1
TO MASTER, COMP1
COMP2
COMP1
COMP2
TO MASTER, COMP1
TRK1
TO SS CAPACITOR
TRK1
TO BP5
TRK2
TO BP5
TRK2
TO BP5
ILIM1
TO SET RESISTORS
ILIM1
GND
ILIM2
GND
ILIM2
GND
FB1
TO NETWORK
FB1
GND
FB2
GND
FB2
GND
PHSEL
39-k
Ω TO GND
PHSEL
GND
PGOOD1
TO PULLUP RESISTOR
PGOOD1
TO PULL-UP RESISTOR
PGOOD1
TO PULLUP RESISTOR
PGOOD1
TO PULL-UP RESISTOR
CLKIO
TO SLAVE, CLKIO
CLKIO
TO MASTER, CLKIO
VSHARE
TO SLAVE, VSHARE
VSHARE
TO MASTER, VSHARE
BP5
TO SLAVE, BP5
BP5
TO MASTER, BP5
DESIGN HINT
TI recommends adding a 220-pF ceramic capacitor in parallel with the PHSEL resistor
string. This capacitor is connected from the PHSEL pin of the master control to GND.
20
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS40140


Similar Part No. - TPS40140RHHT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140RHHT TI-TPS40140RHHT Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
More results

Similar Description - TPS40140RHHT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz