Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40140RHHRG4 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140RHHRG4
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140RHHRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS40140RHHRG4 Datasheet HTML 8Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 9Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 10Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 11Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 12Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 13Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 14Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 15Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
TPS40140
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TPS40140 operates with a programmable fixed switching frequency. It is a current feedback controller with
forced phase current balancing. When compared to voltage mode control, the current feedback controller results
in a simplified feedback network and reduced input line sensitivity. Phase current is sensed by using either the
direct current resistance (DCR) of the filter inductors or current sense resistors installed in series with the output.
See the section Inductor DCR Current Sense. The current signal is then amplified and superimposed on the
amplified voltage error signal to provide current mode PWM control.
Other features include programmable input undervoltage lockout (UVLO), differential input amplifier for precise
output regulation, user programmable operation frequency, programmable pulse-by-pulse overcurrent protection,
output undervoltage shutdown and restart, capacitor to set soft-start time and power good indicators.
The TPS40140 is a versatile controller that can operate as a single controller or 'stacked' in a multi-controller
configuration. A TPS40140 has two channels that may be configured as a multi-phase (single output) or as a
dual, with two independent output voltages. The two channels of a single controller always switch 180° out-of-
phase. See the Feature Description for further discussion on the clock and voltage master and clock and voltage
slave.
Some pins are used to set the operating mode, and other pins' definition change based on the mode selected.
12
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS40140


Similar Part No. - TPS40140RHHRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140RHHR TI-TPS40140RHHR Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
More results

Similar Description - TPS40140RHHRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com