Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140RHHRG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140RHHRG4
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140RHHRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS40140RHHRG4 Datasheet HTML 5Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 6Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 7Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 8Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 9Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 10Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 11Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 12Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
−40 −25 −10
5
20
35
50
65
80
95 110 125
1.0000
1.0005
1.0015
1.0010
1.0020
1.0025
1.0035
1.0030
1.0040
1.0045
1.0055
1.0050
TJ − Junction Temperature − °C
VIN = 0.7 V
VIN = 4.0 V
TJ − Junction Temperature − °C
2.5
2.4
−40 −25 −10
5
20
35
50
65
80
95 110 125
2.7
2.6
2.9
2.8
3.1
3.0
−40 −25 −10
5
20
35
50
65
80
95 110 125
292
294
296
298
300
302
304
306
308
310
TJ − Junction Temperature − °C
RT = 110 kΩ
12.55
−40 −25 −10
5
20
35
50
65
80
95 110 125
12.60
12.65
12.70
12.75
12.80
12.85
12.90
12.95
13.00
TJ − Junction Temperature − °C
CS = 30 mV
CS = 5 mV
CS = 60 mV
TJ − Junction Temperature − °C
−40 −25 −10
5
20
35
50
65
80
95 110 125
4.2610
4.2615
4.2620
4.2625
4.2630
4.2645
4.2650
4.2655
4.2660
4.2635
4.2640
TJ − Junction Temperature − °C
−40 −25 −10
5
20
35
50
65
80
95 110 125
229.0
229.2
229.4
229.6
229.8
230.0
230.2
230.4
TPS40140
www.ti.com
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
7.6 Typical Characteristics
Figure 1. BP5 Turnoff Hysteresis Voltage vs Temperature
Figure 2. BP5 Turnon Threshold Voltage vs Temperature
Figure 3. Current Sense Gain vs Temperature
Figure 4. Oscillator Frequency vs Temperature
Figure 6. BP5 Current vs Temperature
Figure 5. Differential Amplifier Voltage Gain vs Temperature
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS40140


Similar Part No. - TPS40140RHHRG4

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140RHHR TI-TPS40140RHHR Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
More results

Similar Description - TPS40140RHHRG4

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz