Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140RHHRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140RHHRG4
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140RHHRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40140RHHRG4 Datasheet HTML 3Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 4Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 5Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 6Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 7Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 8Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 9Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 10Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
TPS40140
www.ti.com
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
Electrical Characteristics (continued)
–40°C
≤ TJ ≤ 85°C, (unless otherwise noted), VVDD = 7 V, VBP5 = 5 V, UVLO_CE1, UCLO_CE2: 10 kΩ, Pullup to BP5,
ƒSW = 300 kHz, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ERROR AMPLIFIER CH1, ERROR AMPLIFIER CH2
Input common mode range(1)
0
0.7
2.0
V
Input bias current(1)
VFB = 0.7 V
10
nA
FBx voltage(1)
0.6965
0.700
0.7035
V
Output source current
VCOMP = 1.1 V, VFB = 0.6 V
1
2
mA
Output sink current
VCOMP = 1.1 V, VFB = BP5
1
2
mA
BW(1)
8
12
MHz
Open loop gain(1)
60
90
dB
VOLTAGE TRACKING (TRK1, TRK2)
After EN, before PWM and during hiccup mode
5
6.0
7.3
SS source current
µA
After first PWM pulse
10
12.5
15
Fault enable threshold(1)
1.4
V
Internal clamp voltage(1)
2.4
V
SS sink resistance(1)
Pulldown resistance
1
k
CURRENT SENSE AMPLIFIERS (CS1, CS2)
Differential input voltage
–60
60
mV
Input offset voltage
CS1, CS2, trimmed
–2.0
0
2.0
mV
Ac
Gain transfer to PWM COMP
5 mV < VCS < 60 mV, VCSRT = 1.5 V
12
13
14
V/V
Input common mode(1)
0
5.8
V
CSA
Input bias current
100
nA
DIFFERENTIAL AMPLIFIER (DIFFO)
Gain
1.0 V < VOUT < 5.8 V
0.997
1
1.003
V/V
Input common mode range(1)
0
5.8
V
VOUT – VVGSNS = 2 V, VDIFFO > 1.98 V,
Output source current(1)
2
VDD-VOUT > 2 V
VOUT – VVGSNS = 2 V, VDIFFO > 2.02 V VDD –
Output source current(1)
1
mA
VOUT = 1 V
VOUT – VVGSNS = 2 V,
Output sink current(1)
2
VDIFFO > 2.02 V
Unity gain bandwidth(1)
5
8
MHz
Input Impedance, non inverting(1)
VOUT to GND
60
k
Input Impedance, inverting(1)
GSNS to DIFFO
60
GATE DRIVERS
HDRV1, HDRV2 source on-
VBOOT1, VBOOT2 = 5 V, VSW1 = VSW2 = 0 V,
1
2
3
resistance
Sourcing 100 mA
HDRV1, HDRV2 sink on-
VVREG = 5 V, VSW1 = VSW2 = 0 V,
0.5
1.2
2
resistance
Sinking 100 mA
LDRV1, LDRV2 source on-
VVREG = 5 V, VSW1 = VSW2 = 0 V,
1
2
3
resistance
Sourcing 100 mA
LDRV1, LDRV2 sink on-
VVREG = 5 V, VSW1 = VSW2 = 0 V,
0.3
0.65
1
resistance
Sinking 100 mA
tRISE
HDRVx rise time(1)
CLOAD= 3.3 nF
25
75
tFALL
HDRVx fall time(1)
CLOAD= 3.3 nF
25
75
tRISE
LDRVx rise time(1)
CLOAD= 3.3 nF
25
75
ns
tFALL
LDRVx fall time(1)
CLOAD= 3.3 nF
20
60
Minimum controllable on-time
CLOAD= 3.3 nF
50
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS40140


Similar Part No. - TPS40140RHHRG4

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140RHHR TI-TPS40140RHHR Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
More results

Similar Description - TPS40140RHHRG4

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz