Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140RHHRG4 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140RHHRG4
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140RHHRG4 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TPS40140RHHRG4 Datasheet HTML 38Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 39Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 40Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 41Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 42Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 43Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 44Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 45Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
diode
OUT
d
f
sw
P
= 2 × I
× t × V × f
= 0.77 W
P
SRcond + ISRrms
2
R
DS(on) (sr)
N
+ 0.7 W
I
SRrms +
(1 * D)
I
OUT
2
)
I
RIPPLE
2
12
+ 18.7 A
P
SWtot + PSWcond ) PSWsw + 0.91 W
sw
drv
sw
sw
sw
Ipk × Vin
f
R
Qgd
Qgs
Psw
0.26 W
Vgtdrv
×
×
× (
+
)
=
=
P
SWcond + ISWrms
2
R
DS(on) (sw) + 0.65 W
I
SWrms +
D
I
OUT
2
)
I
RIPPLE
2
12
+ 7.07 A
RMS_CIN
OUT
I
=
D × (1 - D) × I
TPS40140
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
www.ti.com
Another important consideration for the input capacitor is the RMS ripple current rating. The RMS current in the
input capacitor is estimated by:
(27)
D is the duty cycle. The calculated RMS current is 6.6 A. Each selected ceramic capacitor has a RMS current
rating of 4.3 A, so it is sufficient to reach this requirement.
9.2.1.2.4
Step 4: MOSFET Selection
The MOSFET selection determines the converter efficiency. In this design, the duty cycle is very small so that
the high-side MOSFET is dominated with switching losses and the low-side MOSFET is dominated with
conduction loss. To optimize the efficiency, choose smaller gate charge for the high-side MOSFET and smaller
RDS(on) for the low-side MOSFET.
The RENESAS RJK0305 and RJK0301 are selected as the high-side and low-side MOSFETs respectively. To
reduce the conduction loss, two RJK0301 components are used.
The power losses in the high-side MOSFET is calculated with the following equations:
The RMS current in the high side MOSFET is show in Equation 28.
(28)
The RDS(on) is 13 mΩ when the MOSFET gate voltage is 4.5 V.
The conduction loss is:
(29)
The switching loss is:
(30)
The calculated total loss in the high-side MOSFET is:
(31)
The power losses in the low-side SR MOSFET is calculated in the following equations:
The RMS current in the low-side MOSFET is shown in Equation 32.
(32)
The RDS(on) is 4 mΩ when the MOSFET gate voltage is 4.5 V.
The total conduction loss in the two low-side MOSFETs is shown in Equation 33.
where
N is the number of MOSFETs. Here, it is equal to 2.
(33)
The total power loss in the body diode is:
(34)
So the calculated total loss in the SR MOSFET is:
42
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS40140


Similar Part No. - TPS40140RHHRG4

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140RHHR TI-TPS40140RHHR Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
More results

Similar Description - TPS40140RHHRG4

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz