Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40140RHHRG4 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140RHHRG4
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140RHHRG4 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TPS40140RHHRG4 Datasheet HTML 30Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 31Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 32Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 33Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 34Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 35Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 36Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 37Page - Texas Instruments TPS40140RHHRG4 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
0
50
100
150
200
250
300
350
400
450
100
200
300
400
500
600
700
800
900
1000
Phase Switching Frequency (kHz)
C001
(
)
1.058
PH
3
R
1.33
39.2 10
ƒ
7 ,
-
=
´
´
´
-
TPS40140
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
www.ti.com
9.1.13
PHSEL Pin Fault
The PHSEL pin is normally terminated with a resistor string, or tied directly to ground. If this string becomes
open, the PHSEL pin voltage is pulled up internally to greater than 4 V. The controller enters a ‘Standby’ mode.
The upper and lower MOSFETs are turned off but the internal 5-V regulator is still active and VREG is present. If
the PHSEL connection is restored, normal operation continues after 64 PWM clock cycles.
9.1.14 Overtemperature
If the temperature of the controller die is detected to be above 155°C, the upper and lower MOSFETs are turned
off and the 5-V regulator, VREG, is turned off. When the die temperature decreases 30°C the controller performs
a normal start-up.
9.1.15 Fault Masking Operation
If the TRKx pin voltage is externally limited below the 1.4-V threshold, the controller does not respond to an
Undervoltage fault and the PGOOD output remains low. Other fault modes remain operational. The overcurrent
protection continues to terminate PWM cycle every time the threshold is exceeded, but the hiccup mode is not
entered.
9.1.16 Setting the Switching Frequency
The clock frequency is programmed by the value of the timing resistor connected from the RT pin to ground. See
Equation 7. This equation gives the frequency for an 8-phase system. For a 6-phase system the frequency is 1
1/3 times higher.
where
ƒPH is a single-phase frequency, kHz
The Rt resistor value is expressed in kΩ
(7)
See Figure 34.
Figure 34. Phase Switching Frequency vs Timing Resistance
34
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS40140


Similar Part No. - TPS40140RHHRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140RHHR TI-TPS40140RHHR Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
More results

Similar Description - TPS40140RHHRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com