Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140RHHR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140RHHR
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140RHHR Datasheet(HTML) 43 Page - Texas Instruments

Back Button TPS40140RHHR Datasheet HTML 39Page - Texas Instruments TPS40140RHHR Datasheet HTML 40Page - Texas Instruments TPS40140RHHR Datasheet HTML 41Page - Texas Instruments TPS40140RHHR Datasheet HTML 42Page - Texas Instruments TPS40140RHHR Datasheet HTML 43Page - Texas Instruments TPS40140RHHR Datasheet HTML 44Page - Texas Instruments TPS40140RHHR Datasheet HTML 45Page - Texas Instruments TPS40140RHHR Datasheet HTML 46Page - Texas Instruments TPS40140RHHR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
RAMP
RAMP
e qv
PK
SH
PH
IN
RAMP
LIM
IN
V
V
DCR
Ac I
V
2 N
V
R2
510k
V
I
V
´
´
+
+
´
´
=
=
W
´
RAMP
RAMP
e qv
PK
SH
PH
IN
RAMP
LIM
IN
V
V
DCR
Ac I
V
2 N
V
R1
22.5k
V
(1
) I
V
´
´
+
+
´
´
=
=
W
-
´
(eqv)
R2
DCR
DCR
=
× DCR =
R1+ R2
2
IN
(eqv)
ramp
sw
V × Ac
L
>
DCR
2 × V
× f
R1
R2
11.6 k
=
=
L
R1//R2
5.8 k
DCR
C1
=
=
´
BIAS
OUT
R1
R
= 0.7 ×
= 8.75 k
V
- 0.7
(
)
1.058
PH
3
R
1.33
39.2 10
ƒ
7 ,
-
=
´
´
´
-
P
SRtot + PSRcond ) PDIODE + 1.47 W
TPS40140
www.ti.com
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
(35)
9.2.1.2.5
Step 5: Peripheral Component Design
9.2.1.2.5.1
Switching Frequency Setting (RT Pin 5)
(36)
In the design, a 62-k
Ω resistor is selected. The actual switching frequency is 510 kHz.
9.2.1.2.5.2
Output Voltage Setting (FB1 Pin 36)
Substitute R1 with 10 k
Ω and then calculate RBIAS.
(37)
9.2.1.2.5.3
Current Sensing Network Design (CS1 Pin 31 and CSRT1 Pin 32)
For small pulse width, to avoid the sub-harmonics brought by the loop delay, a resistor divider is usually used to
attenuate the current feedback information as described in the Inductor DCR Current Sense section.
Choosing C1 a value for 0.1-
μF, and let R1 and R2 be equal, calculating R1 and R2 with Equation 38 and
Equation 39. In this design, R1 and R2 are 10 k
Ω.
(38)
(39)
A simplified equation to determine if the design produces sub-harmonics is shown in Equation 40.
(40)
(41)
In this design, a 1-
μF capacitor is placed at the CSRT1 pin for the purpose of eliminating noise. It can be
removed without degrading performance.
9.2.1.2.5.4
Overcurrent Protection (ILIM1 Pin 34)
The resistor selection equations in the CALCULATING OVERCURRENT PROTECTION LEVEL section are
simplified to calculate the over current setting resistors. Set the DC over current rating at 30 A.
(42)
where
AC is the gain transfer to comparator (typ 12.5)
VRAMP is the ramp amplitude (typ 0.5 V)
VSH is the VSHARE reference voltage (typ 1.8 V)
ILIM is the current limit output current (typ 20 µA)
NPH is 6 if VPHSEL = 1.6 V ±0.2 V, otherwise NPH = 8
(43)
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: TPS40140


Similar Part No. - TPS40140RHHR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140RHHR TI-TPS40140RHHR Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
More results

Similar Description - TPS40140RHHR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz