Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140RHHR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140RHHR
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140RHHR Datasheet(HTML) 40 Page - Texas Instruments

Back Button TPS40140RHHR Datasheet HTML 36Page - Texas Instruments TPS40140RHHR Datasheet HTML 37Page - Texas Instruments TPS40140RHHR Datasheet HTML 38Page - Texas Instruments TPS40140RHHR Datasheet HTML 39Page - Texas Instruments TPS40140RHHR Datasheet HTML 40Page - Texas Instruments TPS40140RHHR Datasheet HTML 41Page - Texas Instruments TPS40140RHHR Datasheet HTML 42Page - Texas Instruments TPS40140RHHR Datasheet HTML 43Page - Texas Instruments TPS40140RHHR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
+
+
+
+
+
+
+
+
R7
10K
C11
2.2 n
R5
50
R9
50
VOUT1
BODE12
BODE11
R13
510k
R23
39K
VSHR R15
22.6K
R14
62K
R16
33K
C20
1uF
R18
698k
R19
50
R20
50
C21
1uF
C23
2.2n
BP5
BODE21
BODE21
R22
10K
R26
2.7k
R24
open
C27
open
C26
470pF
R29
10K
PG2
C37
0.022uF
TRK2
AGND1
C36
1uF
R8
8.66K
C7
330pF
C30
0.1uF
R28
10k
R31
10K
AGND2
C29
0.1uF
R21
4.7
U1
TPS40140RHH
C22
0.1uF
R17
4.7
D2
BAT54HT1
C24
0.1uF
C25
4.7uF
R27
10K
C13
0.1uF
C12
0.1uF
R12
4.7
D1
BAT54HT1
R6
10K
R32
10K
R33
10K
C6
1uF
C5
0.022uF
TRK1
R2
10k
C8
0.1uF
R3
open
C9
open
1
2
3
4
5
6
7
8
9
27
26
25
24
23
22
21
20
19
DIFFO
VOUT
GSNS
PHSEL
RT
VSHARE
GND
BP5
FB2
BOOT1
HDRV1
SW1
LDRV1
PGND
LDRV2
VREG
SW2
HDRV2
Q6
RJK0301DPB
Q8
RJK0305DPB
Q5
RJK0301DPB
Q7
Open
R30
10K
L2
1.5uH
R25
1
C28
3.3n
SW2
C31
220u
C32
220u
C33
220u
C34
220u
C35
22uF
GNDTP3
C41
22uF
C40
22uF
C39
22uF
C38
22uF
VOUT2
3.3V @ 20A
J10
4
3
2
1
J9
1.5V @ 20A
1
2
3
4
C14
220u
C15
220u
C16
220u
C17
220u
C18
22uF
R10
51.1
R11
51.1 VOUT1
J2
1
2
Remote Sense+
Remote Sense-
Q2
Open
Q4
RJK0301DPB
Q3
RJK0301DPB
Q1
RJK0305DPB
R4
1
C10
3.3n
SW1
12Vin +/- 10%
GND
J1
1
2
3
4
GNDTP1
C1
22uF
C2
22uF
C3
22uF
C4
22uF
R1
10K
L1
1uH
VOUT2
ILIM2
VSHR
PHSELIN
GSNS
RT
COMP1
TRK1
CS1
CSRT1
BP5
1
1
12VIN
UVLO1
UVLO1
CLKIO
VREG
1
1
1
1
1
1
1
VREG
BP5
COMP2
VOUT2
TRK2
PGOOD2
BP5
UVLO2
12VIN
VREG
BP5
1
2
3
1
2
3
1
2
3
1
2
3
4
4
4
5
5
4
5
5
12VIN
CS2
VOUT2
GSNS
VOUT1
CSRT1
CS1
12VIN
3
2
1
4
4
4
4
5
5
5
5
3
2
1
3
2
1
3
2
1
TPS40140
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
www.ti.com
9.2 Typical Application
9.2.1 Application 1: Dual-Output Configuration from 12 to 3.3 V and 1.5 V DC-DC Converter Using a
TPS40140
Figure 40 shows the schematic of the dual output converter design.
Figure 40. Dual-Output Converter Schematic
9.2.1.1 Design Requirements
The following example shows the design process and component selection for a dual output synchronous buck
converter using TPS40140. Table 6 provides the design goal parameters. Only the calculated numbers for the
1.5-V output are shown, however, the equations are suitable for both channel design. A list of symbol definitions
is found at the end of this section.
Table 6. Design Goal Parameters
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VIN
Input voltage
10.8
12
13.2
V
VIN(ripple)
Input ripple voltage
IOUT = 20 A
0.15
V
VOUT
Output voltage
1.5
V
Line regulation
10.8 V
≤ VIN ≤ 13.2 V
0.5%
Load regulation
0 V
≤ IOUT ≤ 20 A
0.5%
VP-P
Output ripple voltage
IOUT = 20 A
30
mV
ΔVOUT
Output voltage deviation during load
ΔIOUT = 10 A, VIN = 12 V
80
mV
transient
IOUT
Output current
10.8 V
≤ VIN ≤ 13.2 V
0
20
A
η
Efficiency
IOUT = 20 A VIN = 12 V
87%
fSW
Switching frequency
500
kHz
40
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS40140


Similar Part No. - TPS40140RHHR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140RHHR TI-TPS40140RHHR Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
More results

Similar Description - TPS40140RHHR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz