Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 40Page - Texas Instruments TPS40140 Datasheet HTML 41Page - Texas Instruments TPS40140 Datasheet HTML 42Page - Texas Instruments TPS40140 Datasheet HTML 43Page - Texas Instruments TPS40140 Datasheet HTML 44Page - Texas Instruments TPS40140 Datasheet HTML 45Page - Texas Instruments TPS40140 Datasheet HTML 46Page - Texas Instruments TPS40140 Datasheet HTML 47Page - Texas Instruments TPS40140 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
OUT
OUT
s
OUT
OUT
(s × C
× ESR + 1) × R
1
1
Gvc(s) =
×
×
DCR × Ac
s × τ + 1
s × C
× (ESR +R
) + 1
(
)
3
9
3
SS
SS
t
C
58
10
22
10
58
10
1.28 ms
-
=
´
´
=
´
´
´
=
boot
Qg
8nc
C
=
=
= 16 nF
V
0.5V
TPS40140
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
www.ti.com
9.2.1.2.5.5
VREG (Pin 21)
A 4.7-
μF capacitor is connected to VREG pin to filter noise.
9.2.1.2.5.6
BP5 (Pin 8)
A 4.7-
Ω and 1-μF capacitor is placed between VREG and BP5.
9.2.1.2.5.7
PHSEL (Pin 4)
For this dual output configuration, the PHSEL pin is directly tied to GND. The channel 1 and channel 2 has a
180° phase shift.
9.2.1.2.5.8
VSHARE (Pin 6)
A 1-
μF capacitor is tied from VSHARE pin to GND.
9.2.1.2.5.9
PGOOD1 (Pin 30)
The PGOOD1 pin is tied to BP5 with a 10-k
Ω resistor.
9.2.1.2.5.10
UVLO_CE1 (Pin 29)
It is connected to the input voltage with a resistor divider. The two resistors have the same value of 10-k
Ω. When
the input voltage is higher than 2 V, the chip is enabled.
9.2.1.2.5.11
Clkio (Pin 28)
CLKIO is floating as no clock synchronization required for dual output configuration.
9.2.1.2.5.12
BOOT1 and SW1 (Pin 27 and 25)
A bootstrap capacitor is connected between the BOOT1 and SW1 pin. The bootstrap capacitor depends on the
total gate charge of the high side MOSFET and the amount of droop allowed on the bootstrap capacitor.
(44)
For this application, a 0.1-
μF capacitor is selected.
9.2.1.2.5.13
TRK1 (Pin 33)
A 22-nF capacitor is tied to TRK1 pin to provide 1.28-ms of soft-start time.
(45)
9.2.1.2.5.14
DIFFO, VOUT, and GSNS (Pin 1, Pin 2, and Pin 3)
VOUT and GSNS are connected to the remote sensing output connector. DIFFO is connected to the feedback
resistor divider. If the differential amplifier is not used, VOUT and GSNS are suggested to be grounded, and
DIFFO is left open.
9.2.1.2.6
Feedback Compensator Design (COMP1 Pin 35)
Peak current mode control method is employed in the controller. A small signal model is developed from the
COMP signal to the output.
(46)
The time constant is defined by:
44
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS40140


Similar Part No. - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140RHHR TI-TPS40140RHHR Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140RHHT TI-TPS40140RHHT Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz