Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 13Page - Texas Instruments TPS40140 Datasheet HTML 14Page - Texas Instruments TPS40140 Datasheet HTML 15Page - Texas Instruments TPS40140 Datasheet HTML 16Page - Texas Instruments TPS40140 Datasheet HTML 17Page - Texas Instruments TPS40140 Datasheet HTML 18Page - Texas Instruments TPS40140 Datasheet HTML 19Page - Texas Instruments TPS40140 Datasheet HTML 20Page - Texas Instruments TPS40140 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
R
SET + VOUT
1
V
IN2
*
1
V
IN1
100 kW
TPS40140
www.ti.com
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
Application Information (continued)
If the controller has free running operation (in clock master mode) before receiving the external clock, the
switching frequency is set by connecting a resistor from the RT pin to GND. In order to receive the external
clock, the PHSEL pin should be connected to GND to disable the output of CLKIO pin. A 500-
Ω resistor is
recommended to be placed between the external clock and the CLKIO pin. When dynamically shorting the RT
pin to BP5 through a switch, the controller switches to clock slave mode and starts to synchronize to the external
clock.
9.1.2 Split Input Voltage Operation
It may be advantageous to operate a master controller’s power stages from VIN 1, different from the slave
controller(s) power stages, VIN 2 where VIN1 > VIN 2. This enables the system designer to optimize the current
taken from the system input voltages. In order to balance the output currents, a programmed offset is applied to
ILIM2 of the slave controller(s). The voltage on this pin sets the offset current for channel 2.
The ramp offset is determined by a resistor, RSET, connected to the ILIM2 pin of the slave, and is given by:
(1)
9.1.3 Configuring Single and Multiple ICs
The controller may be configured for a single output, 2-phase mode or a dual output voltage mode. In the dual
output mode the input voltages and the output voltages are independent of each other. In 2-phase mode the
input voltages and output voltages are tied together, respectively and certain other pins must be configured. The
two phases of a single controller are always 180° out-of-phase. The entry in Table 3 that refer to "TO
NETWORK" means the normal resistor-capacitor network used for control loop compensation. The other entries
refer to components that are typically connected to the device pin.
Table 2. Configuring Clock Mode
TIMING RESISTANCE VOLTAGE (V)
CLOCK MODE
< 0.7 V (resistor to GND)
Master (or single device)
> 1 V (tied to VREG or VDD)
Slave
9.1.3.1 Single Device Operation
A single controller may be configured as a 2-phase or dual output. A summary of the modes and device pin
connections for a single controller is given in Table 3. The basic schematic of a single controller operating in a 2-
phase mode is shown in Figure 17. The dual output schematic is shown in Figure 18.
Table 3. TPS40140 Single Device Mode Selection and Pin Configuration
DEVICE PIN
FOR 2 PHASE MODE
FOR DUAL OUTPUT MODE
COMP1
TO NETWORK
TO NETWORK
COMP2
COMP1
TO NETWORK
TRK1
TO SS CAPACITOR
TO SS CAPACITOR
TRK2
TO BP5
TO SS CAPACITOR
ILIM1
TO SET RESISTORS
TO SET RESISTORS
ILIM2
GND
TO SET RESISTORS
FB1
TO NETWORK
TO NETWORK
FB2
GND
TO NETWORK
PHSEL
GND
GND
PGOOD1
TO PULLUP RESISTOR
TO PULL-UP RESISTOR
PGOOD1
TO PULLUP RESISTOR
TO PULL-UP RESISTOR
CLKIO
OPEN
OPEN
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS40140


Similar Part No. - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140RHHR TI-TPS40140RHHR Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140RHHT TI-TPS40140RHHT Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz