Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 14 Page - Texas Instruments

Part No. TPS40140
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS40140_16 Datasheet HTML 10Page - Texas Instruments TPS40140_16 Datasheet HTML 11Page - Texas Instruments TPS40140_16 Datasheet HTML 12Page - Texas Instruments TPS40140_16 Datasheet HTML 13Page - Texas Instruments TPS40140_16 Datasheet HTML 14Page - Texas Instruments TPS40140_16 Datasheet HTML 15Page - Texas Instruments TPS40140_16 Datasheet HTML 16Page - Texas Instruments TPS40140_16 Datasheet HTML 17Page - Texas Instruments TPS40140_16 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
TPS40140
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
www.ti.com
Feature Description (continued)
8.3.2 Voltage Master and Voltage Slave
A voltage master has the channel that monitors the output voltage and generates the 'COMP' signal for voltage
regulation. A Voltage slave channel is configured by connecting the TRKx pin to BP5. Then the COMP signal
from the master is connected to the COMPx pin on the Voltage slave. When the TRKx pin is connected to BP5
the COMPx output for that channel is put in a high impedance state, allowing the regulation for that channel to be
controlled by the voltage master COMP signal.
8.3.3 Power Good
The PGOOD1, PGOOD2 pins indicate when the inputs and output are within their specified ranges of operation.
Also monitored are the UVLO_CE1, UVLO_CE2 and TRK1 and TRK2 pins. The PGOOD has a high impedance
when indicating inputs and outputs are within specified limits and is pulled low to indicate an out of limits
condition. The PGOOD signal is held low until the respective TRK1 or TRK2 pin voltages exceed 1.4 V, then the
undervoltage, overcurrent or overtemperature controls the state of PGOOD.
8.3.4 Power-On Reset (POR)
The internal POR function ensures the VREG and BP5 voltages are within their regulation windows before the
controller is allowed to start.
8.3.5 Overcurrent
The operation during an overcurrent condition is described in the ‘Overcurrent Detection and Hiccup Mode’
section. In summary, when the controller detects 7 clock cycles of an overcurrent condition, the upper and lower
MOSFETs are turned off and the controller enters a 'hiccup' mode'. After seven soft start cycles, normal
switching is attempted. If the overcurrent has cleared, normal operation resumes, otherwise the sequence
repeats.
8.3.6 Output Undervoltage Protection
If the output voltage, as sensed by U23 of the functional block diagram on the FB pin becomes less than 0.588
V, the undervoltage protection threshold (84% of VREF), the controller enters the hiccup mode as described in the
Overcurrent Detection and Hiccup Mode section.
8.3.7 Output Overvoltage Protection
The TPS40140 includes an output overvoltage protection mechanism. This mechanism is designed to turn on the
low-side FET when the FB pin voltages exceeds the overvoltage protection threshold of 810-mV (typical). The
high-side FET turns off and the low-side FET turns on and stays on until the voltage on the FB drops below the
undervoltage threshold. The controller then enters a hiccup recovery cycle as in the undervoltage case. The
output overvoltage protection scheme is active at all times. If at any time when the controller is enabled, the FB
pin voltage exceeds the overvoltage threshold, the low-side FET turns on until the FB pin voltage falls below the
undervoltage threshold.
Output overvoltage is defined as any voltage greater than the regulation level that appears on the output.
Overvoltage protection is accomplished by the feedback loop monitoring the output voltage via the FB pin. If,
during operation the output voltage experiences an overvoltage condition the FB pin voltage rises and the control
loop turns the upper FET off and the lower FET is turned on until the output returns to set level. This puts the
overvoltage channel in a boost mode configuration and tends to cause the input voltage to be boosted up.
If the output overvoltage condition exists prior to the controller PWM switching starting, that is, no switching has
commenced, the overvoltaged channel does not start PWM switching. This controller allows for operating with a
prebiased output. Because the output is greater than the regulation voltage, no PWM switching occurs.
DESIGN HINT
Ensure there is sufficient load on the input voltage to prevent excessive boosting.
14
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS40140


Similar Part No. - TPS40140_16

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140_16

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz