Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 56 Page - Texas Instruments

Part No. TPS40140
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TPS40140_16 Datasheet HTML 52Page - Texas Instruments TPS40140_16 Datasheet HTML 53Page - Texas Instruments TPS40140_16 Datasheet HTML 54Page - Texas Instruments TPS40140_16 Datasheet HTML 55Page - Texas Instruments TPS40140_16 Datasheet HTML 56Page - Texas Instruments TPS40140_16 Datasheet HTML 57Page - Texas Instruments TPS40140_16 Datasheet HTML 58Page - Texas Instruments TPS40140_16 Datasheet HTML 59Page - Texas Instruments TPS40140_16 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
Q1
SI5480DU
C3
1.0u,25V
C4
22u,16v
Q2
Si7112DN
C2
1000p,25V
R1
2.0
D1
BAT54A
C1
0.1u,6.3V
C5
0.1u,16v
22u,6.3v
C7
R5
0.0
R4
2.2K
22u,6.3v
C8
R2
10K
R3
10K
C6
1.0u,6.3V
R7
10k
R6
2.21K
C9
0.1u,16V
C10
4.7u,6.3V
C15
22u,6.3v
C16
22u,6.3v
R12
2.2k
Q3
SI5480DU
C19
1.0u,16V
C20
22u,16V
R14
2.0
C21
1000p,25v
Q4
Si7112DN
C18
0.1u,16v
R13
0.0
C17
1.0u,6.3V
R11
2.21k
C14
0.1u,16v
C13
0.1u,6.3v
R8
4.7
C11
1.0u,6.3V
C12
1.0u,6.3V
U1
TPS40140RHH-REV2
BOOT2
VDD
UVLO-CE2
PGOOD2
CS2
CSRT2
TRK2
ILIM2
COMP2
CLKIO
UVLO-CE1
PGOOD1
CS1
CSRT1
TRK1
ILIM1
COMP1
FB1
PwPd
28
29
30
31
32
33
34
35
36
37
18
17
16
15
14
13
12
11
10
SW1
VIN
CS1
VOUT
VREG
BOOT2
VIN
UVLOCE
VOUT
CS1
BP5
CLKIO
COMP1
BP5
CLKIO
VIN
PHSELIN
COMP1
ILIM2
VSHR
VOUT
VSHR
BP5
BP5
VREG
COMP1
ILIM2
BP5
VOUT
CS2
BP5
VREG
CS2
SW2
VIN
BOOT2
VIN
S
G
D
1
1
1
1
1
1
1
1
1
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
D
G
S
1
2
3
4
1
2
3
4
J1
TPS40140
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
www.ti.com
System Example (continued)
Figure 64. Slave Module Schematic
56
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS40140


Similar Part No. - TPS40140_16

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140_16

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz