Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 36 Page - Texas Instruments

Part No. TPS40140
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS40140_16 Datasheet HTML 32Page - Texas Instruments TPS40140_16 Datasheet HTML 33Page - Texas Instruments TPS40140_16 Datasheet HTML 34Page - Texas Instruments TPS40140_16 Datasheet HTML 35Page - Texas Instruments TPS40140_16 Datasheet HTML 36Page - Texas Instruments TPS40140_16 Datasheet HTML 37Page - Texas Instruments TPS40140_16 Datasheet HTML 38Page - Texas Instruments TPS40140_16 Datasheet HTML 39Page - Texas Instruments TPS40140_16 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
TRCKn
SW NODE
VOUT
COMP
ILIM
2.4 V
1.5 V
0.5 V
GND
VIN
GND
VOUT, REG
GND
t0
t1
t2
t3
(A)
(B)
(C)
(D)
TPS40140
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
www.ti.com
9.1.18 Current Sensing and Balancing
The controller employs peak current mode control scheme, thus naturally provides certain degree of current
balancing. With current mode, the level of current feedback should comply with certain guidelines depending on
duty factor known as “slope compensation” to avoid the sub-harmonic instability. This requirement can prohibit
achieving a higher degree of phase current balance. To avoid the controversy, a separate current loop that
forces phase currents to match is added to the proprietary control scheme. This effectively provides high degree
of current sharing independent of the controller’s small signal response and is implemented in U3 and U22 in the
Functional Block Diagram section.
High bandwidth current amplifiers, U2 and U21 can accept as an input voltage either the voltage drop across
dedicated precise current sense resistors, or inductor’s DCR voltage derived by an RC network, or thermally
compensated voltage derived from the inductor’s DCR. The wide range of current sense arrangements ease the
cost/complexity constrains and provides superior performance compared to controllers utilizing the low-side
MOSFET current sensing.
See the Inductor DCR Current Sense section for selecting the values of the RC network.
9.1.19 Overcurrent Detection and Hiccup Mode
To reduce the input current and component dissipation during on overcurrent event, a hiccup mode is
implemented. Hiccup mode refers to a sequence of 7 soft-start cycles where no MOSFET switching occurs and
then a restart is attempted. If the fault has cleared, the restart results in returning to normal operation and
regulation. This is shown in Figure 36.
Figure 36. Hiccup Mode and Recovery
36
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS40140


Similar Part No. - TPS40140_16

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140_16

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz