Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40140 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS40140
Description  Dual or 2-Phase, Stackable Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40140 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS40140_16 Datasheet HTML 22Page - Texas Instruments TPS40140_16 Datasheet HTML 23Page - Texas Instruments TPS40140_16 Datasheet HTML 24Page - Texas Instruments TPS40140_16 Datasheet HTML 25Page - Texas Instruments TPS40140_16 Datasheet HTML 26Page - Texas Instruments TPS40140_16 Datasheet HTML 27Page - Texas Instruments TPS40140_16 Datasheet HTML 28Page - Texas Instruments TPS40140_16 Datasheet HTML 29Page - Texas Instruments TPS40140_16 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
CLKIO
PHSEL
20 A
SLAVE2
CLKIO
PHSEL
TPS40140
R2
R1
TPS40140MASTER
SLAVE1
CLKIO
PHSEL
TPS40140
SLAVE5
CLKIO
PHSEL
TPS40140
SLAVE4
CLKIO
PHSEL
TPS40140
SLAVE3
CLKIO
PHSEL
TPS40140
ILIM2
ILIM2
ILIM2
BP5
10 k
TPS40140
SLUS660I – SEPTEMBER 2005 – REVISED JANUARY 2015
www.ti.com
Figure 24. Master Controller and Five Slave Controllers, 12-Phases
In this configuration, the master senses that there are two slave controllers (due to the 2 resistors) and
distributes a six-phase CLKIO signal. Slave1 and slave2 are turned on at 60° and 120° respectively, as before
with two slaves. However, to get twelve phases with a six-phase clock, both edges of the CLKIO signal are used
to control the slaves. With the ILIM2 tied high on slave3,slave4, and slave5, they turn on at the rising edge of
CLKIO while the master and slave1 and slave2 turn on at the falling edge of CLKIO.
If four slaves are desired, just delete one of the slaves from Figure 24. The interleaving is not perfect because
there is be 30° between the master and three slaves. The deleted slave causes 60° between the two adjacent
slaves. See Figure 26 for phasing details.
26
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPS40140


Similar Part No. - TPS40140_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com