Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90C031B Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS90C031B
Description  LVDS Quad CMOS Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C031B Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90C031B Datasheet HTML 1Page - National Semiconductor (TI) DS90C031B Datasheet HTML 2Page - National Semiconductor (TI) DS90C031B Datasheet HTML 3Page - National Semiconductor (TI) DS90C031B Datasheet HTML 4Page - National Semiconductor (TI) DS90C031B Datasheet HTML 5Page - National Semiconductor (TI) DS90C031B Datasheet HTML 6Page - National Semiconductor (TI) DS90C031B Datasheet HTML 7Page - National Semiconductor (TI) DS90C031B Datasheet HTML 8Page - National Semiconductor (TI) DS90C031B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +6V
Input Voltage (D
IN)
−0.3V to (V
CC + 0.3V)
Enable Input Voltage (EN, EN*)
−0.3V to (V
CC + 0.3V)
Output Voltage (D
OUT+,DOUT−)
−0.3V to +5.8V
Short Circuit Duration
(D
OUT+,DOUT−)
Continuous
Maximum Package Power Dissipation @ +25˚C
M Package
1068 mW
WM Package
1562 mW
Derate M Package
8.5 mW/˚C above +25˚C
Derate WM Package
12.5 mW/˚C above +25˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature Range
Soldering (4 sec.)
+260˚C
Maximum Junction
Temperature
+150˚C
ESD Rating (Note 7)
(HBM, 1.5 k
Ω, 100 pF)
≥ 2kV
(EIAJ, 0
Ω, 200 pF)
≥ 250V
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
+4.5
+5.0
+5.5
V
Operating Free Air Temperature (T
A)
DS90C031BT
−40
+25
+85
˚C
Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified. (Notes 2, 3)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
V
OD1
Differential Output Voltage
R
L = 100Ω (Figure 1)DOUT−,
D
OUT+
250
345
450
mV
∆V
OD1
Change in Magnitude of
V
OD1 for Complementary
Output States
4
35
|mV|
V
OS
Offset Voltage
1.10
1.25
1.35
V
∆V
OS
Change in Magnitude of
V
OS for Complementary
Output States
5
25
|mV|
V
OH
Output Voltage High
R
L = 100Ω
1.41
1.60
V
V
OL
Output Voltage Low
0.90
1.07
V
V
IH
Input Voltage High
D
IN,
EN,
EN*
2.0
V
CC
V
V
IL
Input Voltage Low
GND
0.8
V
I
I
Input Current
V
IN =VCC, GND, 2.5V or 0.4V
−10
±1
+10
µA
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
−0.8
V
I
OS
Output Short Circuit Current
V
OUT = 0V (Note 8)
D
OUT−,
D
OUT+
−3.5
−5.0
mA
I
OZ
Output TRI-STATE Current
EN = 0.8V and EN* = 2.0V,
V
OUT =0VorVCC
−10
±1
+10
µA
I
OFF
Power - Off Leakage
V
O = 0V or 2.4V, VCC = 0V or Open
−10
±1
+10
µA
I
CC
No Load Supply Current
Drivers Enabled
D
IN =VCC or GND
V
CC
1.7
3.0
mA
D
IN = 2.5V or 0.4V
4.0
6.5
mA
I
CCL
Loaded Supply Current
Drivers Enabled
R
L = 100Ω (all channels)
V
IN =VCC or GND (all inputs)
15.4
21.0
mA
I
CCZ
No Load Supply Current
Drivers Disabled
D
IN =VCC or GND
EN = GND, EN* = V
CC
2.2
4.0
mA
Switching Characteristics
V
CC = +5.0V, TA = +25˚C (Notes 3, 6, 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHLD
Differential Propagation Delay High to Low
R
L = 100Ω,CL =5pF
(
Figure 2 and Figure 3)
1.0
2.0
3.0
ns
t
PLHD
Differential Propagation Delay Low to High
1.0
2.1
3.0
ns
t
SKD
Differential Skew |t
PHLD –tPLHD|
0
80
400
ps
t
SK1
Channel-to-Channel Skew (Note 4)
0
300
600
ps
t
TLH
Rise Time
0.35
1.5
ns
t
THL
Fall Time
0.35
1.5
ns
www.national.com
2


Similar Part No. - DS90C031B

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
Texas Instruments
Texas Instruments
DS90C031B TI-DS90C031B Datasheet
1,007Kb / 19P
[Old version datasheet]   DS90C031B LVDS Quad CMOS Differential Line Driver
National Semiconductor (TI)
National Semiconductor ...
DS90C031BTM NSC-DS90C031BTM Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
Texas Instruments
Texas Instruments
DS90C031BTM TI1-DS90C031BTM Datasheet
1Mb / 19P
[Old version datasheet]   DS90C031B LVDS Quad CMOS Differential Line Driver
DS90C031BTM TI-DS90C031BTM Datasheet
1,007Kb / 19P
[Old version datasheet]   DS90C031B LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90C031B

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
Texas Instruments
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
National Semiconductor (TI)
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
Texas Instruments
Texas Instruments
DS90C031QML TI1-DS90C031QML Datasheet
369Kb / 20P
[Old version datasheet]   DS90C031QML LVDS Quad CMOS Differential Line Driver
National Semiconductor (TI)
National Semiconductor ...
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
Texas Instruments
Texas Instruments
DS90C031BTMX TI1-DS90C031BTMX Datasheet
1Mb / 19P
[Old version datasheet]   DS90C031B LVDS Quad CMOS Differential Line Driver
DS90C031BTMX TI-DS90C031BTMX Datasheet
1,007Kb / 19P
[Old version datasheet]   DS90C031B LVDS Quad CMOS Differential Line Driver
National Semiconductor (TI)
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz