Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-7 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # S-7
Description  Rejection base plug fuses ??dual-element
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

S-7 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  S-7 Datasheet HTML 1Page - Cooper Bussmann, Inc. S-7 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rejection base plug fuses – dual-element,
time-delay 125 volt, up to 30 amps
Catalog symbol:
S - (amps)
BP/S - (amps)
Description:
Bussmann® series dual-element, time-delay
rejection base plug fuse.
Specifications:
Ratings
Volts — 125 Vac or less
Amps — 1/4 to 30 A
Interrupting rating — 10 kA RMS Sym
Agency Information
UL® Listed (up to 6-1/4 A), Std. 248-11, Guide
JFHR, File E56412, (7 to 30 A) Guide JEFV,
File E12112
CSA® Certified, Class 1423-01, File 53787
CE
Catalog numbers (amps)
S - 1/4
S - 2
S - 6-1/4
S - 3/10
S - 2-1/4
S - 7
S - 4/10
S - 2-1/2
S - 8
S - 1/2
S - 2-8/10
S - 9
S - 6/10
S - 3
S - 10
S - 8/10
S - 3-2/10
S - 12
S - 1
S - 3-1/2
S - 14
S - 1-1/8
S - 4
S - 15
S - 1-1/4
S - 4-1/2
S - 20
S - 1-4/10
S - 5
S - 25
S - 1-6/10
S - 5-6/10
S - 30
S - 1-8/10
S - 6
Package quantity and weight
Amp
ratings
Quantity
Weight
Per
box
Per
card
Per
box
Per 5
cards
1/4 to 14 A
4
1
0.24
0.43
15 to 30 A
4
2
0.24
0.68
Edison base adaptors
Adaptor
Accepts
fuses
Adaptor
Accepts
fuses
SA-1
S-1 or smaller
SA-5
S-5 to S-3-1/2
SA-1-1/4
S-1-1/4 or smaller
SA-6-1/4
S-6-1/4 to S-3-1/2
SA-1-6/10
S-1-6/10 or smaller
SA-8
S-8 to S-7
SA-2
S-2 or S-1-8/10
SA-10
S-10 to S-7
SA-2-1/2
S-2-1/2 to S-1-8/10
SA-15
S-15 to S-7
SA-3-2/10
S-3-2/10 to S-1-8/10
SA-20
S-20
SA-4
S-4 to S-3-1/2
SA-30
S-30 to S-20
Technical Data 1032
Effective May 2016
Supersedes August 2002
BUSSMANN
SERIES


Similar Part No. - S-7

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
S-7 EATON-S-7 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Copal Electronics
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
S-7010EA COPAL-S-7010EA Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
S-7010EB COPAL-S-7010EB Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
S-7010EC COPAL-S-7010EC Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
More results

Similar Description - S-7

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
T-310 COOPER-T-310 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element
TC-15 COOPER-TC-15 Datasheet
163Kb / 2P
   Edison base CSA plug fuses ??dual-element
SL-15 COOPER-SL-15 Datasheet
147Kb / 2P
   Rejection base plug fuses ??time-delay,
logo
Eaton All Rights Reserv...
S-1-4 EATON-S-1-4 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
SL-15 EATON-SL-15 Datasheet
147Kb / 2P
   Rejection base plug fuses ??time-delay, 125 volts, 15-30 amps
T-3-10 EATON-T-3-10 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element, time-delay, 125 volts, up to 30 amps
logo
Cooper Bussmann, Inc.
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
   Dual-Element Time-Delay Fuses
logo
List of Unclassifed Man...
LPS-RK-600 ETC1-LPS-RK-600 Datasheet
1,014Kb / 4P
   dual element, time-delay fuses
LPN-RK-250 ETC1-LPN-RK-250 Datasheet
704Kb / 4P
   dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
LPS-RK-70SP COOPER-LPS-RK-70SP Datasheet
139Kb / 3P
   Dual-Element, Time-Delay Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com