Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3707-33DG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3707-33DG4
Description  Processor Supervisory Circuits With Power-Fail
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3707-33DG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3707-33DG4 Datasheet HTML 3Page - Texas Instruments TPS3707-33DG4 Datasheet HTML 4Page - Texas Instruments TPS3707-33DG4 Datasheet HTML 5Page - Texas Instruments TPS3707-33DG4 Datasheet HTML 6Page - Texas Instruments TPS3707-33DG4 Datasheet HTML 7Page - Texas Instruments TPS3707-33DG4 Datasheet HTML 8Page - Texas Instruments TPS3707-33DG4 Datasheet HTML 9Page - Texas Instruments TPS3707-33DG4 Datasheet HTML 10Page - Texas Instruments TPS3707-33DG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
TPS3705-30, TPS3705-33, TPS3705-50, TPS3707-30, TPS3707-50
www.ti.com
SLVS184D – NOVEMBER 1998 – REVISED MAY 2016
Product Folder Links: TPS3705-30 TPS3705-33 TPS3705-50 TPS3707-30 TPS3707-50
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Supply current
TPS3705-xx, VDD = 2 V to 6 V, MR = VDD,
MR, WDI and outputs unconnected
30
50
µA
TPS3707-xx, VDD = 2 V to 6 V, MR = VDD,
MR, WDI and outputs unconnected
20
50
Ci
Input capacitance
VI = 0 V to VDD
5
pF
7.6 Timing Requirements
at RL = 1 MΩ, CL = 50 pF, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tw
Pulse width
At VDD, VDD = VIT+ + 0.2 V, VDD = VIT– – 0.2 V
6
µs
At MR and WDI, VDD ≥ VIT+ + 0.2 V, VIL = 0.3 × VDD, VIH = 0.7 × VDD
100
ns
7.7 Switching Characteristics
at RL = 1 MΩ, CL = 50 pF, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tt(out)
Watchdog time out
VDD ≥ VIT+ + 0.2 V, see Figure 1
1.1
1.6
2.3
s
td
Delay time
VDD ≥ VIT+ + 0.2 V, see Figure 1
140
200
280
ms
tPHL
Propagation (delay) time,
high-to-low-level output
MR to RESET delay, VDD ≥ VIT+ + 0.2 V,
VIL = 0.3 × VDD, VIH = 0.7 × VDD
50
250
ns
tPLH
Propagation (delay) time,
low-to-high-level output
MR to RESET delay (TPS3707-xx only)
VDD ≥ VIT+ + 0.2 V, VIL = 0.3 × VDD, VIH = 0.7 × VDD
50
250
ns
tPHL
Propagation (delay) time,
high-to-low-level output
VDD to RESET delay
3
5
µs
tPLH
Propagation (delay) time,
low-to-high-level output
VDD to RESET delay (TPS3707-xx only)
3
5
µs
tPHL
Propagation (delay) time,
high-to-low-level output
PFI to PFO delay, VDD = 2 V to 6 V
0.5
1
µs
tPLH
Propagation (delay) time,
low-to-high-level output
PFI to PFO delay, VDD = 2 V to 6 V
0.5
1
µs


Similar Part No. - TPS3707-33DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3707-33DG4 TI-TPS3707-33DG4 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-33DG4 TI-TPS3707-33DG4 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-33DG4 TI1-TPS3707-33DG4 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results

Similar Description - TPS3707-33DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com