Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS-50 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # TPS-50
Description  DC power distribution non-indicating fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TPS-50 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  TPS-50 Datasheet HTML 1Page - Cooper Bussmann, Inc. TPS-50 Datasheet HTML 2Page - Cooper Bussmann, Inc. TPS-50 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data 5009
Effective March 2015
Supersedes April 2003
Product description:
TPS DC power distribution non-indicating fuses
specifically designed to meet the unique needs of
DC power distribution systems.
Features and benefits:
Telpower™ fuse line is the first to be
specifically designed to meet the unique needs
of DC power distribution systems.
The UL Recognized ratings of 170Vdc and
100kA interrupting rating along with the fuse’s
current-limiting capability make this fuse ideal
for overcurrent protection on existing DC
distribution systems.
A unique blue label is used on all Telpower
fuses to designate their DC capability.
PCB mount versions available.
Silver-plated brass ferrules.
Glass melamine tube.
For use with Bussmann fused disconnect
switch 15800.
Spare fuseholder: TPSFH-AS.
Custom designs:
Printed circuit board variations available.
TPS Series
DC power distribution non-indicating fuses
Specifications
Ratings:
Volts
170Vdc
Amps
1 - 70A
IR
100kA
Agency information:
CE
UL Recognized, Guide JFHR2, File E56412
RoHS Compliant
TPS-1
TPS-6
TPS-25L
TPS-50
TPS-1L
TPS-61L
TPS-25V
TPS-50L
TPS-1LB
TPS-10
TPS-30
TPS-50V
TPS-2
TPS-10L
TPS-30L
TPS-60
TPS-2L
TPS-15
TPS-35
TPS-60L
TPS-3
TPS-15L
TPS-35L
TPS-70
TPS-3L
TPS-20
TPS-40
TPS-70L
TPS-5
TPS-20L
TPS-40L
TPS-70LB
TPS-5L
TPS-25
TPS-40V
Catalog numbers
Suffix: L = PCB tab
V = Vertical PCB tab
LB = Bolt tag


Similar Part No. - TPS-50

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TPS-50 COOPER-TPS-50 Datasheet
41Kb / 2P
   Telpower Fuses 1 to 70 Amps, 170 Volts DC
logo
Eaton All Rights Reserv...
TPS-50 EATON-TPS-50 Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Cooper Bussmann, Inc.
TPS-50L COOPER-TPS-50L Datasheet
41Kb / 2P
   Telpower Fuses 1 to 70 Amps, 170 Volts DC
logo
Eaton All Rights Reserv...
TPS-50L EATON-TPS-50L Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
TPS-50LB EATON-TPS-50LB Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
More results

Similar Description - TPS-50

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
TPS EATON-TPS Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Cooper Bussmann, Inc.
MIS-1 COOPER-MIS-1 Datasheet
292Kb / 2P
   MIS non time-delay pin indicating supplemental fuses
GMT COOPER-GMT Datasheet
128Kb / 1P
   Fuseholders for Indicating Fuses
HLS-10 COOPER-HLS-10 Datasheet
128Kb / 1P
   Fuseholders for Indicating Fuses
HLS-06 COOPER-HLS-06 Datasheet
128Kb / 1P
   Fuseholders for Indicating Fuses
TPA-3 COOPER-TPA-3 Datasheet
63Kb / 2P
   Telpower짰 DC Power Distribution Fuses 170 Volts, DC, 3??0 Amps
logo
Littelfuse
0481003.HXLP LITTELFUSE-0481003.HXLP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481005.HXLP LITTELFUSE-0481005.HXLP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481010.VXLP LITTELFUSE-0481010.VXLP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
048103.5HXP LITTELFUSE-048103.5HXP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com