Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3806I33QDBVRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3806I33QDBVRQ1
Description  Dual Voltage Detector With Adjustable Hysteresis
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3806I33QDBVRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3806I33QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS3806I33QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS3806I33QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3806I33QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3806I33QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3806I33QDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS3806I33QDBVRQ1 Datasheet HTML 10Page - Texas Instruments TPS3806I33QDBVRQ1 Datasheet HTML 11Page - Texas Instruments TPS3806I33QDBVRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
7
6
5
4
0
0.1
0.2
0.3
0.4
0.5
0.6
8
9
10
0.7
0.8
0.9
1
3
2
1
0
VDD − Threshold Overdrive Voltage − V
7
6
5
4
0
0.1
0.2
0.3 0.4
0.5
0.6
8
9
10
0.7
0.8
0.9
1
3
2
1
0
LSENSE − Threshold Overdrive Voltage − V
1
0.999
0.998
0.997
−40
−20
0
20
1.001
1.002
1.003
TA − Free-Air Temperature at VDD − °C
0.996
0.995
RESET = 100 k
Ω to VDD
1.004
1.005
40
60
80
0.7
0.6
0.5
0.4
0
2
4
6
8
10
12
0.8
0.9
1
14
16
18
20
IOL − Low-Level Output Current − mA
85
°C
0
°C
25
°C
−40
°C
VDD = 6 V
V(SENSE) = Low
0.3
0.2
0.1
0
Expanded View
TPS3806I33-Q1
SLVSBW8A – MARCH 2013 – REVISED MARCH 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
LOW-LEVEL OUTPUT VOLTAGE
NORMALIZED INPUT THRESHOLD VOLTAGE
versus
versus
LOW-LEVEL OUTPUT CURRENT
FREE-AIR TEMPERATURE AT VDD
Figure 5.
Figure 6.
MINIMUM PULSE DURATION AT VDD
MINIMUM PULSE DURATION AT LSENSE
versus
versus
VDD THRESHOLD OVERDRIVE VOLTAGE
LSENSE THRESHOLD OVERDRIVE VOLTAGE
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS3806I33-Q1


Similar Part No. - TPS3806I33QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3806I33 TI-TPS3806I33 Datasheet
169Kb / 9P
[Old version datasheet]   DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
TPS3806I33 TI1-TPS3806I33 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33 TI1-TPS3806I33 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33DBVR TI-TPS3806I33DBVR Datasheet
169Kb / 9P
[Old version datasheet]   DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
More results

Similar Description - TPS3806I33QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3806J20 TI1-TPS3806J20_16 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806J20 TI-TPS3806J20 Datasheet
169Kb / 9P
[Old version datasheet]   DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778 Datasheet
65Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Maxim Integrated Produc...
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779 Datasheet
52Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com