Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C031 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C031
Description  LVDS Quad CMOS Differential Line Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C031 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS90C031 Datasheet HTML 3Page - National Semiconductor (TI) DS90C031 Datasheet HTML 4Page - National Semiconductor (TI) DS90C031 Datasheet HTML 5Page - National Semiconductor (TI) DS90C031 Datasheet HTML 6Page - National Semiconductor (TI) DS90C031 Datasheet HTML 7Page - National Semiconductor (TI) DS90C031 Datasheet HTML 8Page - National Semiconductor (TI) DS90C031 Datasheet HTML 9Page - National Semiconductor (TI) DS90C031 Datasheet HTML 10Page - National Semiconductor (TI) DS90C031 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Applications Information (Continued)
The footprint of the DS90C031 is the same as the industry
standard 26LS31 Quad Differential (RS-422) Driver.
Pin Descriptions
Pin No.
Name
Description
(SOIC)
1, 7,
9, 15
D
IN
Driver input pin, TTL/CMOS
compatible
2, 6,
10, 14
D
OUT+
Non-inverting driver output pin,
LVDS levels
3, 5,
11, 13
D
OUT−
Inverting driver output pin,
LVDS levels
4
EN
Active high enable pin, OR-ed
with EN*
12
EN*
Active low enable pin, OR-ed
with EN
Pin No.
Name
Description
(SOIC)
16
V
CC
Power supply pin, +5V ± 10%
8
GND
Ground pin
Ordering Information
Operating
Package Type/
Order Number
Temperature
Number
−40˚C to +85˚C
SOP/M16A
DS90C031TM
−55˚C to +125˚C
LCC/E20A
DS90C031E-QML
DS90C031E-QML
(NSID)
5962-95833
(SMD)
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground except: VOD1 and
∆VOD1.
Note 3: All typicals are given for: VCC = +5.0V, TA = +25˚C.
Note 4: Channel-to-Channel Skew is defined as the difference between the propagation delay of the channel and the other channels in the same chip with an event
on the inputs.
Note 5: Chip to Chip Skew is defined as the difference between the minimum and maximum specified differential propagation delays.
Note 6: Generator waveform for all tests unless otherwise specified:f=1 MHz, ZO =50Ω,tr ≤ 6 ns, and tf ≤ 6 ns.
Note 7: ESD Ratings:
HBM (1.5 k
Ω, 100 pF) ≥ 3,500V
EIAJ (0
Ω, 200 pF) ≥ 250V
Note 8: Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
Note 9: CL includes probe and jig capacitance.
Note 10: Guaranteed by characterization data (DS90C031E).
DS011946-9
FIGURE 7. Driver Output Levels
www.national.com
7


Similar Part No. - DS90C031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C031 TI-DS90C031 Datasheet
311Kb / 15P
[Old version datasheet]   DS90C031 LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031B TI-DS90C031B Datasheet
1,007Kb / 19P
[Old version datasheet]   DS90C031B LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90C031BTM NSC-DS90C031BTM Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90C031

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
DS90C031QML TI1-DS90C031QML Datasheet
369Kb / 20P
[Old version datasheet]   DS90C031QML LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031BTMX TI1-DS90C031BTMX Datasheet
1Mb / 19P
[Old version datasheet]   DS90C031B LVDS Quad CMOS Differential Line Driver
DS90C031BTMX TI-DS90C031BTMX Datasheet
1,007Kb / 19P
[Old version datasheet]   DS90C031B LVDS Quad CMOS Differential Line Driver
DS90C031TMX TI-DS90C031TMX Datasheet
311Kb / 15P
[Old version datasheet]   DS90C031 LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com