Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3702CX10DDCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3702CX10DDCR
Description  High-Accuracy, Overvoltage and Undervoltage Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3702CX10DDCR Datasheet(HTML) 1 Page - Texas Instruments

  TPS3702CX10DDCR Datasheet HTML 1Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 2Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 3Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 4Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 5Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 6Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 7Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 8Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SENSE
VDD
SET
GND
Nominal Monitored Rail
Up to 5 V
TPS3702
µP
Up to
6.5 V
R1
R2
VDD
UV
OV
NMI
RST
Up to
18 V
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
±40 ±25 ±10
5
20
35
50
65
80
95
110 125 140
Temperature ( C)
°
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Avg
Undervoltage Accuracy vs Temperature
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
±40 ±25 ±10
5
20
35
50
65
80
95
110 125 140
Temperature ( C)
°
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Avg
C001
Overvoltage Accuracy vs Temperature
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS3702
SBVS251 – JANUARY 2015
TPS3702 High-Accuracy, Overvoltage and Undervoltage Monitor
1 Features
3 Description
The TPS3702 is an integrated overvoltage and
1
Input Voltage Range: 2 V to 18 V
undervoltage window detector in a small SOT-6
High Threshold Accuracy:
package. This highly accuracy voltage monitor is
0.25% (typ)
ideal for systems that operate on low-voltage supply
rails and have narrow margin supply tolerances. Low
0.9% (–40°C to 125°C)
threshold hysteresis options of 0.55% and 1.0%
Fixed Window Thresholds Optimized for Nominal
prevent false reset signals when the monitored
Rails Between 1 V and 5 V
voltage supply is in its normal range of operation.
Open-Drain Outputs for Overvoltage and
Internal glitch immunity and noise filters further
Undervoltage Indication
eliminate
false
resets
resulting
from
erroneous
signals.
Internal Glitch Immunity
Threshold Adjust Using the SET Pin
The TPS3702 does not require any external resistors
for
setting
overvoltage
and
undervoltage
reset
Low Quiescent Current: 7 µA (typ)
thresholds, which further increases overall accuracy
Internal Threshold Hysteresis: 0.55%, 1.0%
and reduces solution size and cost. The SET pin is
SOT-6 Package
used to select between the two available threshold
voltages designed into each device. A separate
SENSE input pin and VDD pin allow for the
2 Applications
redundancy
sought
by
safety-critical
and
high-
FPGA and ASIC Applications
reliability
systems.
This
device
also
features
DSP-Based Systems
independent reset outputs for the OV and UV pins; as
a result of the open-drain configuration, UV and OV
Industrial Control Systems
can be tied together.
Factory Automation
This device has a low typical quiescent current
Personal Electronics
specification of 7 µA and is qualified for use over the
Building Automation
industrial temperature range of –40°C to 125°C.
Motor Drives
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS3702
SOT (6)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS3702CX10DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3702CX10QDDCRQ1 TI1-TPS3702CX10QDDCRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
More results

Similar Description - TPS3702CX10DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3702-Q1 TI1-TPS3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
logo
Maxim Integrated Produc...
MAX16126EVKIT MAXIM-MAX16126EVKIT Datasheet
462Kb / 10P
   Adjustable Undervoltage and Overvoltage Thresholds
Rev 1; 7/16
logo
Texas Instruments
TPS389006 TI-TPS389006 Datasheet
3Mb / 120P
[Old version datasheet]   TPS389006 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
JUNE 2023
TPS3703 TI1-TPS3703 Datasheet
1Mb / 33P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V03 Datasheet
3Mb / 40P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI1-TPS3703_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V02 Datasheet
2Mb / 36P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
Texas Instruments
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com