Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3128E18DBVTG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS3128E18DBVTG4
Description  ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3128E18DBVTG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS3128E18DBVTG4 Datasheet HTML 1Page - Texas Instruments TPS3128E18DBVTG4 Datasheet HTML 2Page - Texas Instruments TPS3128E18DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS3128E18DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS3128E18DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS3128E18DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS3128E18DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS3128E18DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS3128E18DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TPS3123-xx
TPS3124-xx, TPS3125-xx
TPS3126-xx, TPS3128-xx
SLVS227E
– AUGUST 1999 – REVISED AUGUST 2011
www.ti.com
DESCRIPTION
The TPS312x family of ultralow voltage processor supervisory circuits provides circuit initialization and timing
supervision, primarily for DSP and processor-based systems.
During power-on, RESET is asserted when the supply voltage (VDD) becomes higher than 0.75 V. Thereafter, the
supply voltage supervisor monitors VDD and keeps RESET output active as long as VDD remains below the
threshold voltage (VIT). An internal timer delays the return of the output to the inactive state (high) to ensure
proper system reset. The delay time, td = 180 ms, starts after VDD has risen above the threshold voltage (VIT).
When the supply voltage drops below the threshold voltage (VIT), the output becomes active (low) again. No
external components are required. All the devices of this family have a fixed-sense threshold voltage (VIT) set by
a high precision internal voltage divider.
The TPS3123/5/6/8 devices incorporate a manual reset input, MR. A low level at MR causes RESET to become
active. The TPS3124 devices do not have the input MR, but include a high-level output RESET same as the
TPS3125 and TPS3126 devices. In addition, the TPS3123/4/8 have a watchdog timer that needs to be triggered
periodically by a positive or negative transition at WDI. When the supervising system fails to retrigger the
watchdog circuit within the time-out interval ttout= 0.8 s, RESET output becomes active for the time period (td).
This event also reinitializes the watchdog timer.
The circuits are available in a 5-pin SOT23-5 package. The TPS312x devices are characterized for operation
over a temperature range of
–40°C to +85°C.
Table 1. PACKAGE INFORMATION, STANDARD VERSIONS(1)(2)
TA
DEVICE NAME
THRESHOLD VOLTAGE
MARKING
TPS3123J12DBVR(3)
TPS3123J12DBVT(4)
1.08 V
PBNI
TPS3123G15DBVR(3)
TPS3123G15DBVT(4)
1.40 V
PBOI
TPS3123J18DBVR(3)
TPS3123J18DBVT(4)
1.62 V
PBPI
TPS3124J12DBVR(3)
TPS3124J12DBVT(4)
1.08 V
PBQI
TPS3124G15DBVR(3)
TPS3124G15DBVT(4)
1.40 V
PBRI
TPS3124J18DBVR(3)
TPS3124J18DBVT(4)
1.62 V
PBSI
TPS3125J12DBVR(3)
TPS3125J12DBVT(4)
1.08 V
PBTI
–40°C to +85°C
TPS3125G15DBVR(3)
TPS3125G15DBVT(4)
1.40 V
PBUI
TPS3125J18DBVR(3)
TPS3125J18DBVT(4)
1.62 V
PBVI
TPS3125L30DBVR(3)
TPS3125L30DBVT(4)
2.64 V
PBXI
TPS3126E12DBVR(3)
TPS3126E12DBVT(4)
1.14 V
PFOI
TPS3126E15DBVR(3)
TPS3126E15DBVT(4)
1.43 V
PFPI
TPS3126E18DBVR(3)
TPS3126E18DBVT(4)
1.71 V
PFQI
TPS3128E15DBVR(3)
TPS3128E15DBVT(4)
1.43 V
PFSI
TPS3128E18DBVR(3)
TPS3128E18DBVT(4)
1.71 V
PFTI
(1)
Other versions available. Contact Texas Instruments for details; minimum order quantities apply.
(2)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(3)
The DBVR passive indicates tape and reel of 3000 parts.
(4)
The DBVT passive indicates tape and reel of 250 parts.
2
Copyright
© 1999–2011, Texas Instruments Incorporated


Similar Part No. - TPS3128E18DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3128E18DBVT TI-TPS3128E18DBVT Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
More results

Similar Description - TPS3128E18DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3125L30DBVTG4 TI-TPS3125L30DBVTG4 Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX_08 Datasheet
409Kb / 19P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123J12 TI-TPS3123J12 Datasheet
229Kb / 13P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com